Electronic Components Datasheet Search
  English  ▼

X  

G8P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8P
Description  Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8P Datasheet HTML 1Page - Omron Electronics LLC G8P Datasheet HTML 2Page - Omron Electronics LLC G8P Datasheet HTML 3Page - Omron Electronics LLC G8P Datasheet HTML 4Page - Omron Electronics LLC G8P Datasheet HTML 5Page - Omron Electronics LLC G8P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
243
G8P
G8P
Specifications
■
Coil Ratings
Note:
The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of ±10%.
■
Contact Ratings
Note:
NO contact/NC contact
■
Characteristics
Note:
The data shown above are initial values.
Rated voltage
5 VDC
9 VDC
12 VDC
24 VDC
48 VDC
110 VDC
Rated current
185 mA
93 mA
77 mA
36 mA
19 mA
9 mA
Coil resistance
27
97
155
660
2,480
12,400
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
120% of rated voltage
Power consumption
Approx. 900 mW
Item
SPST-NO
SPDT
Load
Resistive load (cos
 = 1)
Rated load
30 A at 250 VAC;
20 A at 28 VDC
20 A/10 A (See note.) at 250 VAC;
20 A/10 A (See note.) at 28 VDC
Contact material
Ag Alloy (Cd free)
Rated carry current
30 A
20 A/10 A (See note.)
Max. switching voltage
250 VAC, 28 VDC
Max. switching current
AC: 30 A, DC: 20 A
AC: 20 A/10 A, DC: 20 A/10 A (See note.)
Max. switching capacity
7,500 VA, 560 W
5,000/2,500 VA, 560/280 W (See note.)
Contact resistance
100 m
 max.
Operate time
15 ms max.
Release time
10 ms max.
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical: 360 operations/hr (under rated load)
Insulation resistance
100 M
 min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between coil and contacts
1,500 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
6,000 V (1.2
/50 µs) between coil and contacts
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.825-mm single amplitude (1.65-mm double amplitude) for 2 hours
Malfunction: 10 to 55 to 10 Hz, 0.825-mm single amplitude (1.65-mm double amplitude) for 5 minutes
Shock resistance
Destruction: 1,000m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Endurance
Mechanical: 10,000,000 operation min. (at 18,000 operations/hr)
Electrical: 100,000 operations min. (at rated load)
Ambient temperature
-55° to 105°C, cold coil condition (with no icing)
-55° to 85°C, hot coil condition (hot start) (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
G8P-1CP: Approx. 21 g, G8P-1CTP: Approx. 24 g
G8P-1C4P: Approx. 28 g, G8P-1C4TP: Approx. 31 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com