Electronic Components Datasheet Search
  English  ▼

X  

BCM5461 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5461
Description  10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5461 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5461 Datasheet HTML 1Page - Broadcom Corporation. BCM5461 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5461
®
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
• Fully-integrated 10BASE-T/100BASE-TX/1000BASE-T Gigabit
Ethernet transceiver
• GMII, RGMII, RTBI, and MII MAC Interface options
• On-chip low-voltage regulators
• Fully compliant with IEEE 802.3, 802.3u, and 802.3ab standards
• 0.13µ CMOS—low power and cost
• Low power
- Less than 700 mW per port
- Wake on LAN support
- Advanced power management
• Trace matched output impedance
• Line-side loopback
• Low EMI emissions
• Cable-plant diagnostic
- Cable-plant analyzer function detects cable plant impairments
- Link quality indication LED
- Automatic detection and correction of wiring pair swaps, pair skew,
and pair polarity
- Automatic MDI/MDIX crossover at all speeds
• Robust CESD tolerance
• Support for jumbo packets up to 9 KB
• IEEE 1149.1 (JTAG) boundary scan
• 128-pin MQFP, 117-pin BGA, and 100-pin FBGA packages
•
Simplifies system and board design.
- Reduced I/O pin requirements with RGMII (over 50%).
- Clock timing can be adjusted to eliminate board trace delays
required by the RGMII specification.
•
Provides interoperability with IEEE standard devices operating at 10,
100, and 1000 Mbps at half- and full-duplex.
•
Lowers system BOM cost and simplifies system design.
•
Requires no airflow or heatsink.
•
Provides compliance with PCI 2.2 and PC99/PC2000.
•
Eases system level debug.
•
Reduces system design constraints to meet EMI emissions standards.
•
Cable diagnostic function characterizes cable plant condition and
immediately indicates cabling issues.
- Prevents erroneous equipment return due to bad cable plants.
- Prevents manufacturing fall-out due to bad cable plants.
•
High CESD tolerance prevents equipment damage and return.
•
Operates with larger packets for wider range of packet protocol
support and improved efficiency.
•
Ease of manufacturing with JTAG support, simplified power supply,
and multiple MAC interfaces.
FE A T UR E S
SU MM AR Y O F B E N E FI TS
1000BASE-T Gigabit Uplink
BCM5461
BCM5461
BCM5645
24FE+2G
Switch
BCM5248
Octal
10/100 Mbps PHY
BCM5248
Octal
10/100 Mbps PHY
BCM5248
Octal
10/100 Mbps PHY
Gigabit Backplane Communication
Main Control Board
BCM5464
Peripheral Board #1
BCM5461
Peripheral Board #2
BCM5461


Similar Part No. - BCM5461

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5461 BOARDCOM-BCM5461 Datasheet
132Kb / 2P
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
427Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5461 BOARDCOM-BCM5461 Datasheet
639Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
More results

Similar Description - BCM5461

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461S BOARDCOM-BCM5461S_06 Datasheet
211Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A2KFBG BOARDCOM-BCM5481A2KFBG Datasheet
123Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461SA1KPF BOARDCOM-BCM5461SA1KPF Datasheet
211Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5421SA2KPF BOARDCOM-BCM5421SA2KPF Datasheet
134Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER WITH SERDES
BCM5461SA2KQMG BOARDCOM-BCM5461SA2KQMG Datasheet
211Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A1KMLG BOARDCOM-BCM5481A1KMLG Datasheet
123Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A2KQMG BOARDCOM-BCM5481A2KQMG Datasheet
123Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM54610 BOARDCOM-BCM54610 Datasheet
186Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
01/16/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com