Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3103N8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3103N8
Description  SYNCHRONOUS MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3103N8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3103N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3103N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXGD3103N8
ZXGD3103N8
Document number: DS32255 Rev. 2 - 2
3 of 12
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical characteristics at TA = 25°C; VCC = 10V; RBIAS = 3.3kΩ; RREF= 4.3kΩ
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input and supply characteristics
Operating current
IOP
VD ≤ -200m V
-
2.16
-
mA
VD ≥ 0V
-
5.16
-
Gate Driver
Turn-off Threshold
Voltage(**)
VT
VG = 1V, (*)
-16
-10
0
mV
GATE output voltage (**)
VG(off)
VD ≥ 0V, (*)
-
0.73
1
V
VG
VD = -50mV, ( )
6.0
7.2
-
VD = -100mV, ( )
8.8
9.2
-
VD ≤ -150mV, ( )
9.2
9.4
-
VD ≤ -200mV, ( )
9.3
9.5
-
Switching performance (“) for QG(tot) = 82nC
Turn on Propagation delay
td1
Refer to switching waveforms
in Fig. 3
150
ns
Turn off Propagation delay
td2
15
Gate rise time
tr
450
Gate fall time
tf
Continuous Conduction Mode
21
Discontinuous Conduction
Mode
17
Notes:
(**)
GATEH connected to GATEL
(*)
RH = 100kΩ, RL = O/C
( )
RL = 100kΩ, RH = O/C
(“) refer to test circuit below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com