Electronic Components Datasheet Search
  English  ▼

X  

AP1270 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP1270
Description  3A SINK/SOURCE BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1270 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP1270 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP1270 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Power
Electronics Corp.
AP1270
ABSOLUTE MAXIMUM RATINGS
(Note1)
Input Voltage (VIN) ------------------------------------------- 6V
CNTL Pin Voltage (VCNTL) --------------------------------- 6V
Power Dissipation (PD) ------------------------------------- Internally Limited
Storage Temperature Range (TST) ---------------------- -65 to +150°C
Lead Temperature (Soldering, 10sec.) ----------------
260°C
ESOP-8
28°C/W
TO-252-5L
6°C/W
Note1 : Exceeding the absolute maximum rating may damage the device.
OPERATING RATING
(Note2)
Input Voltage (VIN) ------------------------------------------- 2.5V to 1.5V +3%
CNTL Pin Voltage (VCNTL) --------------------------------- 5.5V or 3.3V +5%
Junction Temperature Range (TJ) ----------------------- -40 to +125°C
Ambient Temperature Range (TA) ----------------------
-40 to +85°C
Note2 : The device is not guaranteed to function outside its operating conditions.
ORDERING / PACKAGE INFORMATION
(VIN=1.8V, VCNTL=3.3V, VREFEN=0.9V, COUT=10uF(Ceramic), TA =25
oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VCNTL Operation Current
ICNTL
IOUT = 0A
-
1
2.5
mA
Standby Current
ISTBY
VREFEN < 0.2V (Shutdown), RLOAD = 180Ω
-
50
90
uA
Output Offset Voltage
(Note3)
VOS
IOUT = 0A
-20
-
20
IOUT = 10mA ~ 3A
-20
-
20
IOUT = -10mA ~ -3A
-20
-
20
Current Limit
ILIM
3.2
-
-
A
Thermal Shutdown Temperature
TSD
3.3V < VCNTL < 5V
130
160
-
Thermal Shutdown Hysteresis
ΔT
SD
3.3V < VCNTL < 5V
-
30
-
VIH
Enable
0.65
-
-
VIL
Shutdown
-
-
0.2
Note3. VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.
Note4. Regulation is measured at constant junction temperature by using a 5ms current pulse. Devices are tested for load regulation
in the load range from 0A to 3A.
2
Thermal Resistance from Junction to Case (Rthjc)
ELECTRICAL SPECIFICATIONS
Input
Output (DDR / DDRII / DDRIII)
Load Regulation
(Note4)
ΔV
Load
mV
Protection
oC
REFEN Shutdown
Shutdown Threshold
V
( Top View )
1
2
3
4
8
7
6
5
REFEN
ESOP-8
NC
NC
GND
VIN
NC
VCNTL
VOUT
GND
Rthja = 75
oC/W
AP1270X-HF
MP : ESOP-8
Halogen-Free
H : TO-252-5L
TO-252-5L
1VIN
4VREFEN
3VCNTL
2GND
5VOUT
( Top View )
(Side View )
Metal
Tab
VCNTL
Rthja = 40
oC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com