Electronic Components Datasheet Search
  English  ▼

X  

AD2S1200WST Datasheet(PDF) 7 Page - Analog Devices

Part # AD2S1200WST
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200WST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD2S1200WST Datasheet HTML 3Page - Analog Devices AD2S1200WST Datasheet HTML 4Page - Analog Devices AD2S1200WST Datasheet HTML 5Page - Analog Devices AD2S1200WST Datasheet HTML 6Page - Analog Devices AD2S1200WST Datasheet HTML 7Page - Analog Devices AD2S1200WST Datasheet HTML 8Page - Analog Devices AD2S1200WST Datasheet HTML 9Page - Analog Devices AD2S1200WST Datasheet HTML 10Page - Analog Devices AD2S1200WST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD2S1200
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DVDD 1
RD 2
CS 3
SAMPLE 4
RDVEL 5
SOE 6
DB11/SO 7
DB10/SCLK 8
DB9 9
DB8 10
DB7 11
RESET
33
FS2
32
FS1
31
LOT
30
DOS
29
DIR
28
NM
27
B
26
A
25
CPO
24
DGND
23
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
AD2S1200
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
44-Lead Low Profile Quad Flat Package [LQFP] (ST-44)
Table 3. Pin Function Descriptions
Pin No.
Pin Name
Pin Type
1
DVDD
Supply
2
RD
Input
3
CS
Input
4
SAMPLE
Input
5
RDVEL
Input
6
SOE
Input
7
DB11/SO
Output
8
DB10/SCLK
Input, output
9–15
DB9–DB3
Output
16
DGND
Ground
17
DVDD
Supply
18–20
DB2–DB0
Output
21
XTALOUT
Output
22
CLKIN
Input
23
DGND
Ground
24
CPO
Output
25
A
Output
26
B
Output
Pin No.
Pin Name
Pin Type
27
NM
Output
28
DIR
Output
29
DOS
Output
30
LOT
Output
31
FS1
Input
32
FS2
Input
33
RESET
Input
34
EXC
Output
35
EXC
Output
36
AGND
Ground
37
Sin
Input
38
SinLO
Input
39
AVDD
Supply
40
CosLO
Input
41
Cos
Input
42
AGND
Ground
43
REFBYP
Input
44
REFOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com