Electronic Components Datasheet Search
  English  ▼

X  

AD581KH Datasheet(PDF) 2 Page - Analog Devices

Part # AD581KH
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581KH Datasheet(HTML) 2 Page - Analog Devices

  AD581KH Datasheet HTML 1Page - Analog Devices AD581KH Datasheet HTML 2Page - Analog Devices AD581KH Datasheet HTML 3Page - Analog Devices AD581KH Datasheet HTML 4Page - Analog Devices AD581KH Datasheet HTML 5Page - Analog Devices AD581KH Datasheet HTML 6Page - Analog Devices AD581KH Datasheet HTML 7Page - Analog Devices AD581KH Datasheet HTML 8Page - Analog Devices AD581KH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD581
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Applying the AD581......................................................................... 6
Voltage Variation vs. Temperature ............................................. 6
Output Current Characteristics...................................................7
Dynamic Performance..................................................................7
Precision High Current Supply ...................................................8
Connection for Reduced Primary Supply..................................8
The AD581 as a Current Limiter.....................................................9
Negative 10 V Reference...............................................................9
10 V Reference with Multiplying CMOS DACs or ADCs .......9
Precision 12-Bit DAC Reference .................................................9
Outline Dimensions ........................................................................11
Ordering Guide ...........................................................................11
REVISION HISTORY
4/09—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Table 1............................................................................ 3
Changes to Figure 2.......................................................................... 6
Changes to Figure 11........................................................................ 8
Changes to 10 V Reference with Multiplying CMOS DACs
or ADCs Section ............................................................................... 9
Changes to Precision 12-Bit DAC Reference Section.................. 9
Changes to Figure 13........................................................................ 9
Changes to Figure 15 and Figure 16............................................. 10
Updated Outline Dimensions ....................................................... 11
Changes to Ordering Guide .......................................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com