Electronic Components Datasheet Search
  English  ▼

X  

AD5227 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5227
Description  64-Position Up/Down Control Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5227 Datasheet HTML 7Page - Analog Devices AD5227 Datasheet HTML 8Page - Analog Devices AD5227 Datasheet HTML 9Page - Analog Devices AD5227 Datasheet HTML 10Page - Analog Devices AD5227 Datasheet HTML 11Page - Analog Devices AD5227 Datasheet HTML 12Page - Analog Devices AD5227 Datasheet HTML 13Page - Analog Devices AD5227 Datasheet HTML 14Page - Analog Devices AD5227 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5227
Rev. B | Page 11 of 1
6
The change of VWB is known provided that the AD5227 has not
reached the maximum or minimum scale. If one ignores the
effect of the wiper resistance, the transfer functions can be
simplified as
A
WB
V
CP
V
64
+
=
Δ
U/D = 1
(3)
A
WB
V
CP
V
64
−
=
Δ
U/D = 0
(4)
Unlike rheostat mode operation where the absolute tolerance is
high, potentiometer mode operation yields an almost ratiometric
function of CP/64 with a relatively small error contributed by
the RW term. The tolerance effect is, therefore, almost canceled.
Although the thin film step resistor, RS, and CMOS switches
resistance, RW, have very different temperature coefficients, the
ratiometric adjustment also reduces the overall temperature
coefficient to 5 ppm/°C except at low value codes where RW
dominates.
Potentiometer mode operation includes an op amp gain
configuration among others. The A, W, and B terminals can be
input or output terminals and have no polarity constraint
provided that |VAB|, |VWA|, and |VWB| do not exceed VDD-to-GND.
DIGITAL INTERFACE
The AD5227 contains a 3-wire serial input interface. The three
inputs are clock (CLK), chip select (CS), and up/down control
(U/D). These inputs can be controlled digitally for optimum
speed and flexibility
When CS is pulled low, a clock pulse increments or decrements
the up/down counter. The direction is determined by the state
of the U/D pin. When a specific state of the U/D remains, the
device continues to change in the same direction under con-
secutive clocks until it comes to the end of the resistance
setting. All digital inputs, CS, CLK, and U/D pins, are protected
with a series input resistor and a parallel Zener ESD structure as
shown in
.
Figure 28
1k
Ω
LOGIC
Figure 28. Equivalent ESD Protection Digital Pins
TERMINAL VOLTAGE OPERATION RANGE
The AD5227 is designed with internal ESD protection diodes
(Figure 29), but the diodes also set the boundary of the terminal
operating voltages. Voltage present on Terminal A, B, or W that
exceeds VDD by more than 0.5 V is clamped by the diode and,
therefore, elevates VDD. There is no polarity constraint between
VAB, VWA, and VWB, but they cannot be higher than VDD-to-
GND.
POWER-UP AND POWER-DOWN SEQUENCES
Because of the ESD protection diodes, it is important to power
on VDD before applying any voltage to Terminals A, B, and W.
Otherwise, the diodes are forward-biased such that VDD can be
powered unintentionally and can affect the rest of the system
circuit. Similarly, VDD should be powered down last. The ideal
power-on sequence is in the following order: GND, VDD, VA/B/W,
and digital inputs.
VDD
GND
A
W
B
Figure 29. Maximum Terminal Voltages Set by VDD and GND
LAYOUT AND POWER SUPPLY BIASING
It is a good practice to use compact, minimum lead length
layout design. The leads to the input should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance. It is also good
practice to bypass the power supplies with quality capacitors.
Low ESR (equivalent series resistance) 1 μF to 10 μF tantalum
or electrolytic capacitors should be applied at the supplies to
minimize any transient disturbance and filter low frequency
ripple.
Figure 30 illustrates the basic supply bypassing configuration
for the AD5227. The ground pin of the AD5227 is a digital
ground reference that should be joined to the common ground
at a single point to minimize the digital ground bounce.
VDD
VDD
+
GND
AD5227
C2
10
μF
C1
0.1
μF
Figure 30. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com