Electronic Components Datasheet Search
  English  ▼

X  

AD1671JP Datasheet(PDF) 3 Page - Analog Devices

Part # AD1671JP
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671JP Datasheet(HTML) 3 Page - Analog Devices

  AD1671JP Datasheet HTML 1Page - Analog Devices AD1671JP Datasheet HTML 2Page - Analog Devices AD1671JP Datasheet HTML 3Page - Analog Devices AD1671JP Datasheet HTML 4Page - Analog Devices AD1671JP Datasheet HTML 5Page - Analog Devices AD1671JP Datasheet HTML 6Page - Analog Devices AD1671JP Datasheet HTML 7Page - Analog Devices AD1671JP Datasheet HTML 8Page - Analog Devices AD1671JP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1671
(TMIN to TMAX with VCC = +5 V
5%, VLOGIC = +5 V
10%, VEE = –5 V
5%, fSAMPLE = 1 MSPS,
flNPUT = 1OO kHz, unless otherwise noted)
1
AC SPECIFICATIONS
AD1671J/A/S
AD1671K
Parameter
Min
Typ
Max
Min
Typ
Max
Units
SIGNAL-TO-NOISE PLUS DISTORTION RATIO
(S/N + D)
–0.5 dB Input
68
70
68
71
dB
–20 dB Input
50
51
dB
EFFECTIVE NUMBER OF BITS (ENOB)
11.2
11.2
Bits
TOTAL HARMONIC DISTORTION (THD)
–80
–75
–83
–75
dB
PEAK SPURIOUS OR PEAK HARMONIC COMPONENT
–80
–77
–81
–77
dB
SMALL SIGNAL BANDWIDTH
12
12
MHz
FULL POWER BANDWIDTH
2
2
MHz
INTERMODULATION DISTORTION (IMD)
2
2nd Order Products
–80
–75
–80
–75
dB
3rd Order Products
–85
–75
–85
–75
dB
NOTES
1f
IN amplitude = –0.5 dB (9.44 V p-p) bipolar mode full scale unless otherwise indicated. All measurements referred to a 0 dB ( ± 5 V) input signal, unless otherwise
indicated.
2f
A = 99 kHz, fB = 100 kHz with fSAMPLE = 1 MSPS.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameters
Symbol
Min
Typ
Max
Units
Conversion Time
tC
800
ns
Sample Rate
FS
1.25
MSPS
ENCODE Pulse Width High (Figure 1a)
tENC
20
50
ns
ENCODE Pulse Width Low (Figure 1b)
tENCL
20
ns
DAV Pulse Width
tDAV
150
300
ns
ENCODE Falling Edge Delay
tF
0ns
Start New Conversion Delay
tR
0ns
Data and OTR Delay from DAV Falling Edge
tDD
1
20
75
ns
Data and OTR Valid before DAV Rising Edge
tSS
2
20
75
ns
NOTES
1t
DD is measured from when the falling edge of DAV crosses 0.8 V to when the output crosses 0.4 V or 2.4 V with a 25 pF load capacitor on each output pin.
2t
SS is measured from when the outputs cross 0.4 V or 2.4 V to when the rising edge of DAV crosses 2.4 V with a 25 pF load capacitor on each output pin.
Specifications subject to change without notice.
(For all grades TMIN to TMAX with VCC = +5 V
5%, VLO61C = +5 V
10%,
VEE = –5 V
5%; VIL = 0.8 V, VIH = 2.0 V, VOL = 0.4 V and VOH = 2.4 V)
ENCODE
DAV
DATA 0 (PREVIOUS)
DATA 1
C
t
DAV
t
DD
t
SS
t
t
F
t
R
t
ENCL
BIT 1–12
MSB, OTR
Figure 1b. Encode Pulse LOW
ENCODE
DAV
DATA 0 (PREVIOUS)
DATA 1
ENC
t
C
t
DAV
t
DD
t
SS
t
R
t
BIT 1–12
MSB, OTR
Figure 1a. Encode Pulse HIGH
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com