Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8675
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8675 Datasheet HTML 20Page - Analog Devices AD8675 Datasheet HTML 21Page - Analog Devices AD8675 Datasheet HTML 22Page - Analog Devices AD8675 Datasheet HTML 23Page - Analog Devices AD8675 Datasheet HTML 24Page - Analog Devices AD8675 Datasheet HTML 25Page - Analog Devices AD8675 Datasheet HTML 26Page - Analog Devices AD8675 Datasheet HTML 27Page - Analog Devices AD8675 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 25 of 28
Gain of Two Configuration
Figure 52 shows an output amplifier configured for a gain of
two. The gain is set by the internal matched 6.8 kΩ resistors,
which are exactly twice the DAC resistance, having the effect
of removing an offset from the input bias current of the external
amplifier. In this configuration, the output spans from 2 × VREFN −
VREFP to VREFP. This configuration is used to generate a bipolar
output span from a single-ended reference input, with VREFN =
0 V. For this mode of operation, the RBUF bit of the control
register must be cleared to Logic 0.
A1
6.8kΩ 6.8kΩ
R1
RFB
18-BIT
DAC
VREFPS
VREFPF
VREFP
VREFN = 0V
VREFNS
AD5781
1/2 AD8676
1/2 AD8676
VREFNF
RFB
INV
VOUT
10pF
AD8675,
ADA4898-1,
ADA4004-1
VOUT
Figure 52. Output Amplifier in Gain of Two Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com