| Electronic Components Datasheet Search |
|
AD8676 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8676 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 28 page ![]() Data Sheet AD5781 Rev. D | Page 19 of 28 THEORY OF OPERATION The AD5781 is a high accuracy, fast settling, single, 18-bit, serial input, voltage output DAC. It operates from a VDD supply voltage of 7.5 V to 16.5 V and a VSS supply of −16.5 V to −2.5 V. Data is written to the AD5781 in a 24-bit word format via a 3-wire serial interface. The AD5781 incorporates a power-on reset circuit that ensures the DAC output powers up to 0 V with the VOUT pin clamped to AGND through a ~6 kΩ internal resistor. DAC ARCHITECTURE The architecture of the AD5781 consists of two matched DAC sections. A simplified circuit diagram is shown in Figure 49. The six MSBs of the 18-bit data-word are decoded to drive 63 switches, E0 to E62. Each of these switches connects one of 63 matched resistors to either the VREFP or VREFN voltage. The remaining 12 bits of the data-word drive the S0 to S11 switches of a 12-bit voltage mode R-R ladder network. 2R S0 2R S1 2R S11 2R E62 2R E61 2R E0 12-BIT R-R LADDER ..................... ..................... .......... .......... RR R 2R VREFPF VREFPS VREFNF VREFNS VOUT SIX MSBs DECODED INTO 63 EQUAL SEGMENTS Figure 49. DAC Ladder Structure Serial Interface The AD5781 has a 3-wire serial interface (SYNC, SCLK, and SDIN) that is compatible with SPI, QSPI, and MICROWIRE interface standards, as well as most DSPs (see Figure 2 for a timing diagram). Input Shift Register The input shift register is 24 bits wide. Data is loaded into the device MSB first as a 24-bit word under the control of a serial clock input, SCLK, which can operate at up to 35 MHz. The input register consists of a R/W bit, three address bits, and twenty data bits as shown in Table 7. The timing diagram for this operation is shown in Figure 2. Table 7. Input Shift Register Format MSB LSB DB23 DB22 DB21 DB20 DB19 DB0 R/W Register address Register data Table 8. Decoding the Input Shift Register R/W Register Address Description X1 0 0 0 No operation (NOP). Used in readback operations. 0 0 0 1 Write to the DAC register. 0 0 1 0 Write to the control register. 0 0 1 1 Write to the clearcode register. 0 1 0 0 Write to the software control register. 1 0 0 1 Read from the DAC register. 1 0 1 0 Read from the control register. 1 0 1 1 Read from the clearcode register. 1 X is don’t care. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |