Electronic Components Datasheet Search
  English  ▼

X  

AD8061 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8061
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8061 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8061 Datasheet HTML 7Page - Analog Devices AD8061 Datasheet HTML 8Page - Analog Devices AD8061 Datasheet HTML 9Page - Analog Devices AD8061 Datasheet HTML 10Page - Analog Devices AD8061 Datasheet HTML 11Page - Analog Devices AD8061 Datasheet HTML 12Page - Analog Devices AD8061 Datasheet HTML 13Page - Analog Devices AD8061 Datasheet HTML 14Page - Analog Devices AD8061 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 11 of 24
Table 7. AD5545 Control Logic Truth Table1, 2
CS
CLK
LDAC
RS
MSB
Serial Shift Register Function
Input Register Function
DAC Register
H
X
H
H
X
No effect
Latched
Latched
L
L
H
H
X
No effect
Latched
Latched
L
+
H
H
X
Shift register data advanced one bit
Latched
Latched
L
H
H
H
X
No effect
Latched
Latched
+
L
H
H
X
No effect
Selected DAC updated
with current SR current
Latched
H
X
L
H
X
No effect
Latched
Transparent
H
X
H
H
X
No effect
Latched
Latched
H
X
+
H
X
No effect
Latched
Latched
H
X
H
L
0
No effect
Latched data = 0x0000
Latched data = 0x0000
H
X
H
L
H
No effect
Latched data = 0x8000
Latched data = 0x8000
1 SR = shift register,
+ = positive logic transition, and X = don’t care.
2 At power-on, both the input register and the DAC register are loaded with all 0s.
Table 8. AD5555 Control Logic Truth Table1, 2
CS
CLK
LDAC
RS
MSB
Serial Shift Register Function
Input Register Function
DAC Register
H
X
H
H
X
No effect
Latched
Latched
L
L
H
H
X
No effect
Latched
Latched
L
+
H
H
X
Shift register data advanced one bit
Latched
Latched
L
H
H
H
X
No effect
Latched
Latched
+
L
H
H
X
No effect
Selected DAC updated
with current SR current
Latched
H
X
L
H
X
No effect
Latched
Transparent
H
X
H
H
X
No effect
Latched
Latched
H
X
+
H
X
No effect
Latched
Latched
H
X
H
L
0
No effect
Latched data = 0x0000
Latched data = 0x0000
H
X
H
L
H
No effect
Latched data = 0x2000
Latched data = 0x2000
1 SR = shift register,
+ = positive logic transition, and X = don’t care.
2 At power-on, both the input register and the DAC register are loaded with all 0s.
POWER-UP SEQUENCE
It is recommended to power-up VDD and ground prior to any
reference voltages. The ideal power-up sequence is AGNDx,
DGND, VDD, VREFx, and digital inputs. A noncompliance
power-up sequence can elevate reference current, but the device
will resume normal operation once VDD is powered.
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length
layout design. The input leads should be as direct as possible
with a minimum conductor length. Ground paths should have
low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with 0.01 μF to 0.1 μF disc or
chip ceramic capacitors. Low ESR 1 μF to 10 μF tantalum or
electrolytic capacitors should also be applied at VDD to minimize
any transient disturbance and to filter any low frequency ripple
(see Figure 20). Users should not apply switching regulators for
VDD due to the power supply rejection ratio degradation over
frequency.
AD5545/
AD5555
VDD
VDD
AGNDX
DGND
02918- 0- 008
C1
+
C2
10
F
0.1
F
Figure 20. Power Supply Bypassing and Grounding Connection
GROUNDING
The DGND and AGNDx pins of the AD5545/AD5555 refer to the
digital and analog ground references. To minimize the digital
ground bounce, the DGND terminal should be joined remotely
at a single point to the analog ground plane (see Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com