Electronic Components Datasheet Search
  English  ▼

X  

AD7814 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7814
Description  10-Bit Digital Temperature Sensor in 6-Lead SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814 Datasheet(HTML) 1 Page - Analog Devices

  AD7814 Datasheet HTML 1Page - Analog Devices AD7814 Datasheet HTML 2Page - Analog Devices AD7814 Datasheet HTML 3Page - Analog Devices AD7814 Datasheet HTML 4Page - Analog Devices AD7814 Datasheet HTML 5Page - Analog Devices AD7814 Datasheet HTML 6Page - Analog Devices AD7814 Datasheet HTML 7Page - Analog Devices AD7814 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. E
a
AD7814
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
10-Bit Digital Temperature Sensor
in 6-Lead SOT-23
FUNCTIONAL BLOCK DIAGRAM
SERIAL
BUS
INTERFACE
AD7814
VDD
CS
SCLK
DIN
DOUT
GND
TEMPERATURE
VALUE
REGISTER
10-BIT
ANALOG/DIGITAL
CONVERTER
BAND GAP
TEMPERATURE
SENSOR
FEATURES
10-Bit Temperature-to-Digital Converter
–55 C to +125 C Operating Temperature Range
2 C Accuracy
SPI- and DSP-Compatible Serial Interface
Shutdown Mode
Space-Saving SOT-23 Package
APPLICATIONS
Hard Disk Drives
Personal Computers
Electronic Test Equipment
Office Equipment
Domestic Appliances
Process Control
GENERAL DESCRIPTION
The AD7814 is a complete temperature monitoring system in a
SOT-23 package or 8-lead MSOP package. It contains a band
gap temperature sensor and 10-bit ADC to monitor and digitize
the temperature reading to a resolution of 0.25
°C.
The AD7814 has a flexible serial interface that allows easy inter-
facing to most microcontrollers. The interface is compatible
with SPI
®, QSPI™, and MICROWIRE™ protocol, and is also
compatible with DSPs. The part features a standby mode that is
controlled via the serial interface.
The AD7814’s wide supply voltage range, low supply current,
and SPI-compatible interface make it ideal for a variety of
applications, including personal computers, office equipment,
and domestic appliances.
Purchase of licensed I
2C components of Analog Devices or one of its sublicensed
Associated Companies conveys a license for the purchaser under the Philips I
2C
Patent Rights to use these components in an I
2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.
PRODUCT HIGHLIGHTS
1. The AD7814 has an on-chip temperature sensor that allows
an accurate measurement of the ambient temperature. The
measurable temperature range is –55
°C to +125°C, with a
±2°C temperature accuracy.
2. Supply voltage of 2.7 V to 5.5 V
3. Space-saving 6-lead SOT-23 package and 8-lead MSOP
package
4. 10-bit temperature reading to 0.25
°C resolution
5. Standby mode that reduces the current consumption to 1
µA


Similar Part No. - AD7814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7814 AD-AD7814 Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
AD7814ARM AD-AD7814ARM Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM AD-AD7814ARM Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
More results

Similar Description - AD7814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
14-Bit ADC in 6-Lead SOT-23
8/11-Rev. 0 to Rev. A
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com