Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9631
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9631 Datasheet HTML 13Page - Analog Devices AD9631 Datasheet HTML 14Page - Analog Devices AD9631 Datasheet HTML 15Page - Analog Devices AD9631 Datasheet HTML 16Page - Analog Devices AD9631 Datasheet HTML 17Page - Analog Devices AD9631 Datasheet HTML 18Page - Analog Devices AD9631 Datasheet HTML 19Page - Analog Devices AD9631 Datasheet HTML 20Page - Analog Devices AD9631 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 17 of 24
EVALUATION BOARD FOR THE AD5545
The EVAL-AD5545SDZ is used in conjunction with an SDP1Z
system demonstration platform board available from Analog
Devices, which is purchased separately from the evaluation
board. The USB-to-SPI communication to the AD5545 is
completed using this Blackfin®-based demonstration board.
SYSTEM DEMONSTRATION PLATFORM
The system demonstration platform (SDP) is a hardware and
software evaluation tool for use in conjunction with product
evaluation boards. The SDP board is based on the Blackfin
ADSP-BF527 processor with USB connectivity to the PC
through a USB 2.0 high speed port. For more information about
this device, see the system demonstration platform web page.
OPERATING THE EVALUATION BOARD
The evaluation board requires ±12 V and +5 V supplies.
The +12 V VDD and −12 V VSS are used to power the output
amplifier, and the +5 V is used to power the DAC (DVDD).
Figure 26. Evaluation Board Software – Device Selection Window
Figure 27. Evaluation Board Software—AD5545 Dual DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com