Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7984
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7984 Datasheet HTML 16Page - Analog Devices AD7984 Datasheet HTML 17Page - Analog Devices AD7984 Datasheet HTML 18Page - Analog Devices AD7984 Datasheet HTML 19Page - Analog Devices AD7984 Datasheet HTML 20Page - Analog Devices AD7984 Datasheet HTML 21Page - Analog Devices AD7984 Datasheet HTML 22Page - Analog Devices AD7984 Datasheet HTML 23Page - Analog Devices AD7984 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8475
Rev. B | Page 22 of 24
AD8475 EVALUATION BOARD
An evaluation board for the AD8475 is available to facilitate
standalone testing of the AD8475 performance and functionality
for customer evaluation and system design. The board provides
the user flexibility to configure the AD8475 in the desired gain
(0.4 or 0.8) and to install the suitable input and load impedances.
The AD8475-EVALZ board is designed so that a user can easily
evaluate system performance when the AD8475 is mated with
any Analog Devices, Inc., SAR ADC. The board can be installed
with SMB connectors that mate directly to the Pulsar® Analog-
to-Digital Converter Evaluation Kit.
See the AD8475 product page for more information on the
AD8475-EVALZ.
+V
12
11
10
1
3
4
NC
–OUT
+OUT
9
VOCM
+IN 0.4x
–IN 0.8x
2
+IN 0.8x
–IN 0.4x
1kΩ
1.25kΩ
1.25kΩ
1kΩ
AD8475
1.25kΩ
1.25kΩ
R7
R8
R2
0Ω
R1
0Ω
R3
0Ω
R4
0Ω
IN+
J1
R5
IN–
J2
R6
C1
0.1µF
C3
10µF
C4
10µF
C2
0.1µF
S
(GRN)
OUT–
J4
R9
R12
JP1
OUT+
J5
R10
VOCM
J3
VOCM
C5
0.1µF
R11
+VS
(RED)
Figure 56. AD8475-EVALZ Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com