Electronic Components Datasheet Search
  English  ▼

X  

AD7690 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7690
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7690 Datasheet HTML 4Page - Analog Devices AD7690 Datasheet HTML 5Page - Analog Devices AD7690 Datasheet HTML 6Page - Analog Devices AD7690 Datasheet HTML 7Page - Analog Devices AD7690 Datasheet HTML 8Page - Analog Devices AD7690 Datasheet HTML 9Page - Analog Devices AD7690 Datasheet HTML 10Page - Analog Devices AD7690 Datasheet HTML 11Page - Analog Devices AD7690 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8475
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, gain = 0.4, RLOAD = 1 kΩ, RTO, unless otherwise specified.
1000
–1000
–800
–600
–400
–200
0
200
400
600
800
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
G = 0.4
REPRESENTATIVE SAMPLES
G = 0.8
Figure 5. System Offset vs. Temperature
5
–5
–4
–3
–2
–1
0
1
2
3
4
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
REPRESENTATIVE SAMPLES
Figure 6. CMRR vs. Temperature (G = 0.8)
65
30
35
40
45
50
55
60
–40
120
RISE
FALL
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 7. Slew Rate vs. Temperature
10
–8
–6
–4
–2
0
2
4
6
8
–5.5 –4.5 –3.5 –2.5 –1.5 –0.5 0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
0V, +7.75V
–4.97V, +7.75V
+4.95V, +7.75V
0V, +3.25V
–2.97V, +3.25V
–2.97V, –3.75V
+2.95V, +3.25V
VS = +3V, VOCM = +1.5V
–4.97V, –6.25V
0V, –6.25V
0V, –3.75V
+2.95V, –3.75V
+4.95V, –6.25V
VS = +5V, VOCM = +2.5V
Figure 8. Input Common-Mode Voltage vs. Output Voltage,
VS = +5 V and +3 V
150
–150
–100
–50
0
50
100
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VIN = ±5V
REPRESENTATIVE SAMPLES
Figure 9. Gain Error vs. Temperature, VS = ±5 V
130
80
85
90
95
100
105
110
115
120
125
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 10. Short-Circuit Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com