Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8629
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8629 Datasheet HTML 3Page - Analog Devices AD8629 Datasheet HTML 4Page - Analog Devices AD8629 Datasheet HTML 5Page - Analog Devices AD8629 Datasheet HTML 6Page - Analog Devices AD8629 Datasheet HTML 7Page - Analog Devices AD8629 Datasheet HTML 8Page - Analog Devices AD8629 Datasheet HTML 9Page - Analog Devices AD8629 Datasheet HTML 10Page - Analog Devices AD8629 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 7 of 24
LOAD CURRENT (mA)
1k
100
10
1
0.1
0.01
0.0001
0.001
0.1
0.01
1
10
VS = 2.7V
SOURCE
SINK
Figure 11. Output Voltage to Supply Rail vs. Load Current
VS = 5V
VCM = 2.5V
TA = –40°C TO +150°C
TEMPERATURE (°C)
1500
1150
900
450
100
0
–50
0
25
–25
50
75
100
125
150
175
Figure 12. AD8628 Input Bias Current vs. Temperature
TA = 25°C
5V
2.7V
TEMPERATURE (°C)
1250
1000
750
500
250
0
–50
0
50
150
100
200
Figure 13. Supply Current vs. Temperature
TA = 25°C
SUPPLY VOLTAGE (V)
1000
800
600
400
200
0
01
2
4
5
36
Figure 14. Supply Current vs. Supply Voltage
FREQUENCY (Hz)
60
40
20
–20
0
10k
100k
1M
10M
45
90
135
180
225
0
VS = 2.7V
CL = 20pF
RL = ∞
ФM = 45°
GAIN
PHASE
Figure 15. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
70
60
50
40
30
20
0
–10
–20
10
–30
10k
100k
1M
10M
45
90
135
180
225
0
VS = 5V
CL = 20pF
RL = ∞
ΦM = 52.1°
GAIN
PHASE
Figure 16. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com