Electronic Components Datasheet Search
  English  ▼

X  

AD8629ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices AD8629ARMZ Datasheet HTML 10Page - Analog Devices AD8629ARMZ Datasheet HTML 11Page - Analog Devices AD8629ARMZ Datasheet HTML 12Page - Analog Devices AD8629ARMZ Datasheet HTML 13Page - Analog Devices AD8629ARMZ Datasheet HTML 14Page - Analog Devices AD8629ARMZ Datasheet HTML 15Page - Analog Devices AD8629ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 12 of 24
FREQUENCY (kHz)
120
105
90
75
45
30
15
60
0
0
5
10
15
20
25
VS = 5V
NOISE AT 10kHz = 36.4nV
Figure 41. Voltage Noise Density at 5 V from 0 Hz to 25 kHz
FREQUENCY (kHz)
120
105
90
75
45
30
15
60
0
05
10
VS = 5V
Figure 42. Voltage Noise Density at 5 V from 0 Hz to 10 kHz
VS = 2.7V TO 5V
TA = –40°C TO +125°C
TEMPERATURE (°C)
150
130
120
140
110
100
90
60
70
80
50
–50
0
25
–25
50
75
100
125
Figure 43. Power Supply Rejection vs. Temperature
TEMPERATURE (°C)
150
100
50
0
–50
–100
–50
25
50
75
0
–25
100
125
150
175
VS = 2.7V
TA = –40°C TO +150°C
ISC–
ISC+
Figure 44. Output Short-Circuit Current vs. Temperature
TEMPERATURE (°C)
150
100
50
0
–50
–100
–50
25
50
75
0
–25
100
125
150
175
VS = 5V
TA = –40°C TO +150°C
ISC–
ISC+
Figure 45. Output Short-Circuit Current vs. Temperature
TEMPERATURE (°C)
1k
100
10
1
0.1
–50
25
50
75
0
–25
100
125
150
175
VS = 5V
VCC – VOH @ 1kΩ
VCC – VOH @ 10kΩ
VCC – VOH @ 100kΩ
VOL – VEE @ 1kΩ
VOL – VEE @ 10kΩ
VOL – VEE @ 100kΩ
Figure 46. Output-to-Rail Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com