Electronic Components Datasheet Search
  English  ▼

X  

AD8630ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8630ARZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8630ARZ Datasheet HTML 9Page - Analog Devices AD8630ARZ Datasheet HTML 10Page - Analog Devices AD8630ARZ Datasheet HTML 11Page - Analog Devices AD8630ARZ Datasheet HTML 12Page - Analog Devices AD8630ARZ Datasheet HTML 13Page - Analog Devices AD8630ARZ Datasheet HTML 14Page - Analog Devices AD8630ARZ Datasheet HTML 15Page - Analog Devices AD8630ARZ Datasheet HTML 16Page - Analog Devices AD8630ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 13 of 24
TEMPERATURE (°C)
1k
100
10
1
0.1
–50
25
50
75
0
–25
100
125
150
175
VS = 2.7V
VCC – VOH @ 1kΩ
VCC – VOH @ 10kΩ
VCC – VOH @ 100kΩ
VOL – VEE @ 1kΩ
VOL – VEE @ 10kΩ
VOL – VEE @ 100kΩ
Figure 47. Output-to-Rail Voltage vs. Temperature
FREQUENCY (Hz)
140
120
100
80
60
40
20
0
1k
10k
100k
1M
10M
VOUT
VIN
28mV p-p
–2.5V
+2.5V
R1
10kΩ
V–
V+
–
+
V+
V–
AB
R2
100Ω
VS = ±2.5V
Figure 48. AD8629/AD8630 Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com