Electronic Components Datasheet Search
  English  ▼

X  

33FJ64GP706 Datasheet(PDF) 12 Page - Microchip Technology

Part # 33FJ64GP706
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP706 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 33FJ64GP706 Datasheet HTML 8Page - Microchip Technology 33FJ64GP706 Datasheet HTML 9Page - Microchip Technology 33FJ64GP706 Datasheet HTML 10Page - Microchip Technology 33FJ64GP706 Datasheet HTML 11Page - Microchip Technology 33FJ64GP706 Datasheet HTML 12Page - Microchip Technology 33FJ64GP706 Datasheet HTML 13Page - Microchip Technology 33FJ64GP706 Datasheet HTML 14Page - Microchip Technology 33FJ64GP706 Datasheet HTML 15Page - Microchip Technology 33FJ64GP706 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
dsPIC33F
DS70155C-page 10
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 3-2:
PROGRAMMER’S MODEL
TABPAG
22
0
7
0
0
15
Program Counter
Data Table Page Address
Status Register
Working Registers
MAC Operand
Registers
W1
W2
W3
W4
W5
W6
W7
W8
W9
W10
W11
W12/MAC Offset
W13/MAC Write Back
W14/Frame Pointer
W15*/Stack Pointer
MAC Address
Registers
39
0
31
DSP
Accumulators
ACCA
ACCB
PSVPAG
7
0
Program Space Visibility Page Address
Z
OA
OB
SA
SB
RCOUNT
15
0
REPEAT Loop Counter
DCOUNT
15
0
DO Loop Counter
DOSTART
22
0
DO Loop Start Address
IPL2 IPL1
SPLIM*
Stack Pointer Limit Register
15
SRL
PUSH.S Shadow
DO Shadow
OAB SAB
15
0
Core Configuration Register
Legend:
CORCON
DA
DC
RA
N
TBLPAG
PSVPAG
IPL0
OV
W0/WREG
SRH
DO Loop End Address
DOEND
22
C
0
DIV and MUL
Result Registers
*W15 and SPLIM not shadowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com