Electronic Components Datasheet Search
  English  ▼

X  

33FJ64MC508 Datasheet(PDF) 36 Page - Microchip Technology

Part # 33FJ64MC508
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64MC508 Datasheet(HTML) 36 Page - Microchip Technology

Back Button 33FJ64MC508 Datasheet HTML 32Page - Microchip Technology 33FJ64MC508 Datasheet HTML 33Page - Microchip Technology 33FJ64MC508 Datasheet HTML 34Page - Microchip Technology 33FJ64MC508 Datasheet HTML 35Page - Microchip Technology 33FJ64MC508 Datasheet HTML 36Page - Microchip Technology 33FJ64MC508 Datasheet HTML 37Page - Microchip Technology 33FJ64MC508 Datasheet HTML 38Page - Microchip Technology 33FJ64MC508 Datasheet HTML 39Page - Microchip Technology 33FJ64MC508 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
dsPIC33F
DS70155C-page 34
Preliminary
© 2005 Microchip Technology Inc.
TABLE 9-3:
MOVE INSTRUCTIONS
Assembly
Syntax
Description
Words
Cycles
EXCH
Wns,Wnd
Swap Wns and Wnd
1
1
MOV
f {,WREG}
Move f to destination
1
1
MOV
WREG,f
Move WREG to f
1
1
MOV
f,Wnd
Move f to Wnd
1
1
MOV
Wns,f
Move Wns to f
1
1
MOV.b
#lit8,Wnd
Move 8-bit literal to Wnd
1
1
MOV
#lit16,Wnd
Move 16-bit literal to Wnd
1
1
MOV
[Ws+Slit10],Wnd
Move [Ws + signed 10-bit offset] to Wnd
1
1
MOV
Wns,[Wd+Slit10]
Move Wns to [Wd + signed 10-bit offset]
1
1
MOV
Ws,Wd
Move Ws to Wd
1
1
MOV.D
Ws,Wnd
Move double Ws to Wnd:Wnd + 1
1
2
MOV.D
Wns,Wd
Move double Wns:Wns + 1 to Wd
1
2
SWAP
Wn
Wn = byte or nibble swap Wn
1
1
TBLRDH
Ws,Wd
Read high program word to Wd
1
2
TBLRDL
Ws,Wd
Read low program word to Wd
1
2
TBLWTH
Ws,Wd
Write Ws to high program word
1
2
TBLWTL
Ws,Wd
Write Ws to low program word
1
2
Note:
When the optional {,WREG} operand is specified, the destination of the instruction is WREG. When
{,WREG} is not specified, the destination of the instruction is the file register f.
Note:
Table 9-3 through Table 9-12 present the base instruction syntax for the dsPIC33F. These instructions do not
include all of the available addressing modes. For example, some instructions show the Byte Addressing
mode and others do not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com