| Electronic Components Datasheet Search |
|
DSPIC33FJ256GP306IPF Datasheet(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ256GP306IPF Datasheet(HTML) 49 Page - Microchip Technology |
|
49 / 90 page ![]() © 2005 Microchip Technology Inc. Preliminary DS70155C-page 47 dsPIC33F 11.1 Math Library The dsPIC33F Math Library is the compiled version of the math library that is distributed with the highly optimized, ANSI-compliant dsPIC33F MPLAB C30 C Compiler (SW006012). It contains advanced single and double-precision floating-point arithmetic and trigonometric functions from the standard ‘C’ header file (math.h). The library delivers small program code size and data size, reduced cycles and high accuracy. Features • The math library is callable from either MPLAB C30 or dsPIC33F assembly language. • The functions are IEEE-754 compliant, with signed zero, signed infinity, NaN (Not a Number) and denormal support and operated in the “Round to Nearest” mode. • Compatible with MPLAB ASM30 and MPLAB LINK30, which are available at no charge from Microchip’s web site. Table 11-2 shows the memory usage and performance of the Math Library. Table 11-3 lists the math functions that are included. TABLE 11-2: MEMORY USAGE AND PERFORMANCE TABLE 11-3: MATH FUNCTIONS Memory Usage (bytes)(1,2) Code size 5250 Data size 4 Performance (cycles)(1,3) add 122 sub 124 mul 109 div 361 Rem 385 Sqrt 492 Note 1: Results are based on using dsPIC33F MPLAB C30 C Compiler (SW006012), version 1.20. 2: Maximum “Memory Usage” when all functions in the library are loaded. Most applications will use less. 3: Average 32-bit floating-point performance results. Single and Double-Precision Floating-Point Functions Arithmetic Functions add, subtract, multiply, divide, remainder Root and Power Functions pow, sqrt Trigonometric and Hyperbolic Functions acos, asin, atan, atan2, cos, cosh, sin, sinh, tan, tanh Logarithmic and Exponential Functions exp, log, log10, frexp, ldexp Rounding Functions ceil, floor Absolute Value Functions fabs Modular Arithmetic Functions fmod, modf Comparison and Conversions comparison, integer and floating-point conversions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |