Electronic Components Datasheet Search
  English  ▼

X  

ECKAVS102KB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECKAVS102KB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKAVS102KB Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECKAVS102KB Datasheet HTML 1Page - Panasonic Semiconductor ECKAVS102KB Datasheet HTML 2Page - Panasonic Semiconductor ECKAVS102KB Datasheet HTML 3Page - Panasonic Semiconductor ECKAVS102KB Datasheet HTML 4Page - Panasonic Semiconductor ECKAVS102KB Datasheet HTML 5Page - Panasonic Semiconductor ECKAVS102KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Impedance vs. Frequency Characteristics
n Current vs. Voltage (Leakage Current Characteristics)
   
Conditions
Temperature: 20 ûC,
Applied Voltage: Sine Wave 60 Hz
Type TS
Type NS-A
Type TS
Type NS-A
Ceramic Disc Capacitors (Safety Regulations)
100
10
1
0.1
1
10
100
1000
10000pF
470pF
220pF
100pF
2200pF
4700pF(E)
1000pF
Frequency (MHz)
100
10
1
0.1
1
10
100
1000
Frequency (MHz)
470pF
220pF
100pF
2200pF
4700pF(E)
1000pF(E)
5.0
6.0
4.0
3.0
2.0
1.0
0
500 1000 1500 2000 2500 3000
10000pF
3300pF
2200pF
4700pF(E)
1000pF
Voltage (Vrms)
5.0
6.0
4.0
3.0
2.0
1.0
0 500 1000 1500 2000 2500 3000 3500 4000
3300pF
2200pF
4700pF
1000pF(B)
1000pF(E)
Voltage (Vrms)
1.0
0.8
0.6
0.4
0.2
0
500 1000 1500 2000 2500 3000
470pF
220pF
100pF
Voltage (Vrms)
1.0
0.8
0.6
0.4
0.2
0 500 1000 1500 2000 2500 3000 3500 4000
470pF
220pF
100pF
Voltage (Vrms)
10000pF
4700pF
2200pF
1000pF
470pF
220pF
100pF
100
10
1
0.1
1
10
100
1000
Frequency (MHz)
2.4
2.2
4700pF (E)
2200pF
1000pF
470pF
220pF
100pF
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0 200 400 600 800 1000 1200 1400 1600
Voltage (Vrms)
0
0.0
1.0
2.0
10000 pF
4700 pF(F)
3.0
200 400 600 800 1000 1200
1600
14000
Voltage (Vrms)
Type VS
Type VS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com