Electronic Components Datasheet Search
  English  ▼

X  

ECKABE102KB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKABE102KB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKABE102KB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKABE102KB Datasheet HTML 1Page - Panasonic Semiconductor ECKABE102KB Datasheet HTML 2Page - Panasonic Semiconductor ECKABE102KB Datasheet HTML 3Page - Panasonic Semiconductor ECKABE102KB Datasheet HTML 4Page - Panasonic Semiconductor ECKABE102KB Datasheet HTML 5Page - Panasonic Semiconductor ECKABE102KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Note: @-- Capacitance Tolerance Code K (±10 %) or M(±20 %)
n Rating and Characteristics
l Type NS-A (IEC60384-14 Sub-class Y1, X1) Rating and Characteristics
áRedial Taped version is available.
(Lead space is available only in 10 mm)
á@:Capacitance Tolerance Code
K:(±10 %) or M(±20 %)
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Kimked Lead Taped Type
Cap.
Tol.
Temp.
D max.
T
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
in pF
(%)
Char.
(Tol.)
max.
Fd
Type
Fd
100 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS101@B
7.5 0.65
ECKNTS101
@B
N1
7.5
0.65
150 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS151@B
7.5 0.65
ECKNTS151
@B
N1
7.5
0.65
220 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS221@B
7.5 0.65
ECKNTS221
@B
N1
7.5
0.65
330 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS331@B
7.5 0.65
ECKNTS331
@B
N1
7.5
0.65
470 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS471@B
7.5 0.65
ECKNTS471
@B
N1
7.5
0.65
680 ±10 or ±20 B/Y5P
9.0(8.0±1.0) 7.0 ECKATS681@B
7.5 0.65
ECKNTS681
@B
N1
7.5
0.65
1000 ±10 or ±20 B/Y5P 10.5(9.5±1.0) 7.0 ECKATS102@B
7.5 0.65
ECKNTS102
@B
N1
7.5
0.65
1000
±20
E/Y5U
8.0(7.0±1.0) 7.0 ECKATS102ME
7.5 0.65
ECKNTS102ME
N1
7.5
0.65
1500
±20
E/Y5U
9.0(8.0±1.0) 7.0 ECKATS152ME
7.5 0.65
ECKNTS152ME
N1
7.5
0.65
2200
±20
E/Y5U
9.5(9.0±1.0) 7.0 ECKATS222ME
7.5 0.65
ECKNTS222ME
N1
7.5
0.65
3300
±20
E/Y5U 12.5(11.5±1.0) 7.0 ECKATS332ME
7.5 0.65
ECKNTS332ME
N1
7.5
0.65
4700
±20
E/Y5U 15.0(14.0±1.0) 7.0 ECKATS472ME 10.0 0.65
ECKNTS472ME
N2
7.5
0.65
4700
±20
F/Y5V 12.5(11.5±1.0) 7.0 ECKATS472MF
7.5 0.65
ECKNTS472MF
N1
7.5
0.65
10000
±20
F/Y5V 17.0(16.0±1.5) 7.0 ECKATS103MF 10.0 0.65
ECKNTS103MF
N2
7.5
0.65
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Cap.
Tol.
Temp.
DT
Part Number
Dim. in mm
in pF
(%)
Char.
max.
max.
F
d
100
±10 or ±20
B
11.0
8.0
ECKANA101
@B 10.0 0.65
150
±10 or ±20
B
11.0
8.0
ECKANA151
@B 10.0 0.65
220
±10 or ±20
B
11.0
8.0
ECKANA221
@B 10.0 0.65
330
±10 or ±20
B
11.0
8.0
ECKANA331
@B 10.0 0.65
470
±10 or ±20
B
11.0
8.0
ECKANA471
@B 10.0 0.65
680
±10 or ±20
B
11.0
8.0
ECKANA681
@B 10.0 0.65
1000
±10 or ±20
B
11.0
8.0
ECKANA102
@B 10.0 0.65
1000
±20
E
10.0
8.0
ECKANA102ME
10.0 0.65
1500
±20
E
11.0
8.0
ECKANA152ME
10.0 0.65
2200
±20
E
11.0
8.0
ECKANA222ME
10.0 0.65
3300
±20
E
13.0
8.0
ECKANA332ME
10.0 0.65
4700
±20
E
16.0
8.0
ECKANA472ME
10.0 0.65
Ceramic Disc Capacitors (Safety Regulations)
l Type TS (IEC60384-14 Sub-class Y2, X1) Rating and Characteristics
Cap. Capacitance Temp. Dimensions in mm
Kinked Lead Type (Bulk)
Kinked Lead Taped Type
in pF
Tolerance
Char.
DT
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
(%)
max.
max.
F
d
Type
Fd
10 ±0.5pF or ±1pF SL/GP
8.0
6.0
ECCAVS100
@G* 5.0
0.60
ECCNVS100
@G* N0
5.0
0.60
15
±5 or ±10 SL/GP
8.0
6.0
ECCAVS150
@G* 5.0
0.60
ECCNVS150
@G* N0
5.0
0.60
22
±5 or ±10 SL/GP
8.0
6.0
ECCAVS220
@G* 5.0
0.60
ECCNVS220
@G* N0
5.0
0.60
33
±5 or ±10 SL/GP
8.0
6.0
ECCAVS330
@G
5.0
0.60
ECCNVS330
@G N0
5.0
0.60
47
±5 or ±10 SL/GP
8.0
6.0
ECCAVS470
@G
5.0
0.60
ECCNVS470
@G N0
5.0
0.60
68
±5 or ±10 SL/GP
8.0
6.0
ECCAVS680
@G
5.0
0.60
ECCNVS680
@G N0
5.0
0.60
100 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS101
@B
5.0
0.60
ECKNVS101
@B
N0
5.0
0.60
150 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS151
@B
5.0
0.60
ECKNVS151
@B
N0
5.0
0.60
220 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS221
@B
5.0
0.60
ECKNVS221
@B
N0
5.0
0.60
330 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS331
@B
5.0
0.60
ECKNVS331
@B
N0
5.0
0.60
470 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS471
@B
5.0
0.60
ECKNVS471
@B
N0
5.0
0.60
680 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS681
@B
5.0
0.60
ECKNVS681
@B
N0
5.0
0.60
1000
±20
E/Y5U
8.0
6.0
ECKAVS102ME
5.0
0.60
ECKNVS102ME
N0
5.0
0.60
1500
±20
E/Y5U
8.0
6.0
ECKAVS152ME
5.0
0.60
ECKNVS152ME
N0
5.0
0.60
2200
±20
E/Y5U
9.0
6.0
ECKAVS222ME
5.0
0.60
ECKNVS222ME
N0
5.0
0.60
3300
±20
E/Y5U
10.0
6.0
ECKAVS332ME
5.0
0.60
ECKNVS332ME
N0
5.0
0.60
4700
±20
E/Y5U
11.0
6.0
ECKAVS472ME
5.0
0.60
ECKNVS472ME
N0
5.0
0.60
4700
±20
F/Y5V
10.0
6.0
ECKAVS472MF
5.0
0.60
ECKNVS472MF
N0
5.0
0.60
10000
±20
F/Y5V
14.0
6.0
ECKAVS103MF
7.5
0.65
ECKNVS103MF
N1
7.5
0.65
l Type VS (IEC60384-14 Sub-class Y2, X1 Smaller type) Rating and Characteristics
Note 1: Dimensions ÒFÓ(Lead Space) of 7.5mm is available instead of 5.0 mm only by special order.
2: @-- Capacitance Tolerance Code D (±0.5 pF) or F (±1 pF) or J (±5 %) or K(±10 %) or M(±20 %)
3: * -- except for VDE and KTL.
Remark
áType NS-A is approved by BSI and VDE for
Reinforced Body Insulation (0.4 mm min.)
BSI (UK)
GB386W
CB certification No.
VDE (Germay)
087469
087472
Certification No.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com