Electronic Components Datasheet Search
  English  ▼

X  

DSPIC33FJ256GP708IPF Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC33FJ256GP708IPF
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP708IPF Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC33FJ256GP708IPF Datasheet HTML 45Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 46Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 47Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 48Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 49Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 50Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 51Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 52Page - Microchip Technology DSPIC33FJ256GP708IPF Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 47
dsPIC33F
11.1
Math Library
The dsPIC33F Math Library is the compiled version of
the math library that is distributed with the highly
optimized, ANSI-compliant dsPIC33F MPLAB C30 C
Compiler (SW006012). It contains advanced single and
double-precision
floating-point
arithmetic
and
trigonometric functions from the standard ‘C’ header
file (math.h). The library delivers small program code
size and data size, reduced cycles and high accuracy.
Features
• The math library is callable from either MPLAB
C30 or dsPIC33F assembly language.
• The functions are IEEE-754 compliant, with
signed zero, signed infinity, NaN (Not a Number)
and denormal support and operated in the “Round
to Nearest” mode.
• Compatible with MPLAB ASM30 and MPLAB
LINK30, which are available at no charge from
Microchip’s web site.
Table 11-2 shows the memory usage and performance
of the Math Library. Table 11-3 lists the math functions
that are included.
TABLE 11-2:
MEMORY USAGE AND
PERFORMANCE
TABLE 11-3:
MATH FUNCTIONS
Memory Usage (bytes)(1,2)
Code size
5250
Data size
4
Performance (cycles)(1,3)
add
122
sub
124
mul
109
div
361
Rem
385
Sqrt
492
Note 1:
Results are based on using dsPIC33F
MPLAB C30 C Compiler (SW006012),
version 1.20.
2:
Maximum “Memory Usage” when all
functions in the library are loaded. Most
applications will use less.
3:
Average 32-bit floating-point performance
results.
Single and Double-Precision Floating-Point Functions
Arithmetic Functions
add, subtract, multiply, divide, remainder
Root and Power Functions
pow, sqrt
Trigonometric and Hyperbolic Functions
acos, asin, atan, atan2, cos, cosh, sin, sinh, tan, tanh
Logarithmic and Exponential Functions
exp, log, log10, frexp, ldexp
Rounding Functions
ceil, floor
Absolute Value Functions
fabs
Modular Arithmetic Functions
fmod, modf
Comparison and Conversions
comparison, integer and floating-point conversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com