Electronic Components Datasheet Search
  English  ▼

X  

DSPIC33FJ256GP708IPFES Datasheet(PDF) 34 Page - Microchip Technology

Part # DSPIC33FJ256GP708IPFES
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP708IPFES Datasheet(HTML) 34 Page - Microchip Technology

Back Button DSPIC33FJ256GP708IPFES Datasheet HTML 30Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 31Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 32Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 33Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 34Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 35Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 36Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256GP708IPFES Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
dsPIC33F
DS70155C-page 32
Preliminary
© 2005 Microchip Technology Inc.
9.0
dsPIC33F INSTRUCTION SET
9.1
Introduction
The dsPIC33F instruction set provides a broad suite of
instructions which supports traditional microcontroller
applications, and a class of instructions which supports
math-intensive applications. Since almost all of the
functionality of the PICmicro® MCU instruction set has
been maintained, this hybrid instruction set allows a
friendly DSP migration path for users already familiar
with the PICmicro microcontroller.
9.2
Instruction Set Overview
The dsPIC33F instruction set contains 84 instructions
which can be grouped into the ten functional categories
shown in Table 9-1. Table 9-2 defines the symbols
used in the instruction summary tables, Table 9-3
through Table 9-12. These tables define the syntax,
description,
storage
and
execution
requirements
for each instruction. Storage requirements are repre-
sented in 24-bit instruction words and execution
requirements are represented in instruction cycles.
Most instructions have several different addressing
modes and execution flows which require different
instruction variants. For instance, there are six unique
ADD
instructions and each instruction variant has its
own instruction encoding.
TABLE 9-1:
dsPIC33F INSTRUCTION
GROUPS
9.2.1
MULTI-CYCLE INSTRUCTIONS
As the instruction summary tables show, most
instructions execute in a single cycle with the following
exceptions:
• Instructions DO, MOV.D, POP.D, PUSH.D,
TBLRDH, TBLRDL, TBLWTH
and TBLWTL
require 2 cycles to execute.
• Instructions DIVF, DIV.S, DIV.U are single-
cycle instructions, which should be executed
18 consecutive times as the target REPEAT
instruction.
• Instructions that change the program counter also
require 2 cycles to execute, with the extra cycle
executed as a NOP. Skip instructions, which skip
over a 2-word instruction, require 3 instruction
cycles to execute with 2 cycles executed as a
NOP
.
•The RETFIE, RETLW and RETURN are special
cases of instructions that change the program
counter. These execute in 3 cycles unless an
exception is pending, and then they execute in
2 cycles.
9.2.2
MULTI-WORD INSTRUCTIONS
As the instruction summary tables show, almost all
instructions consume one instruction word (24 bits),
with the exception of the CALL, DO and GOTO
instructions, which are flow instructions listed in
Table 9-9. These instructions require two words of
memory because their opcodes embed large literal
operands.
Functional Group
Summary Table
Move Instructions
Table 9-3
Math Instructions
Table 9-4
Logic Instructions
Table 9-5
Rotate/Shift Instructions
Table 9-6
Bit Instructions
Table 9-7
Compare/Skip Instructions
Table 9-8
Program Flow Instructions
Table 9-9
Shadow/Stack Instructions
Table 9-10
Control Instructions
Table 9-11
DSP Instructions
Table 9-12
Note:
Instructions that access program memory
as data, using Program Space Visibility,
incur some cycle count overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com