Electronic Components Datasheet Search
  English  ▼

X  

AC162053 Datasheet(PDF) 5 Page - Microchip Technology

Part # AC162053
Description  Header Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162053 Datasheet(HTML) 5 Page - Microchip Technology

  AC162053 Datasheet HTML 1Page - Microchip Technology AC162053 Datasheet HTML 2Page - Microchip Technology AC162053 Datasheet HTML 3Page - Microchip Technology AC162053 Datasheet HTML 4Page - Microchip Technology AC162053 Datasheet HTML 5Page - Microchip Technology AC162053 Datasheet HTML 6Page - Microchip Technology AC162053 Datasheet HTML 7Page - Microchip Technology AC162053 Datasheet HTML 8Page - Microchip Technology AC162053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Header Specification
© 2005 Microchip Technology Inc.
DS51292L-page 5
64/80-PIN HEADERS
For these headers, there are no jumpers/switches. MPLAB IDE will use its selected
device to choose the correct device to emulate.
Test points are available on this header to check the following: VDD, VDDcore and
ground.
The PICDEM™ HPC Explorer Board is 5V, whereas the ICD device on the header is
3.6V max. Therefore, modification to the demo board is necessary before the header
can be used.
1.
Switch S3 should be set to ICE.
2.
Jumper J2 must be connected as shown to modify the operating voltage. See
demo board documentation for more information.
Connect the Header and MPLAB ICD 2
Connect the 9-inch modular interface cable between the MPLAB ICD 2 Module and the
MPLAB ICD 2 Header.
Connect the Header and the Target Board
The header may be connected to the target board as follows:
• PDIP header socket to PDIP target socket with a stand-off (male-to-male
connector)
• Header socket to plug on the target board
• Header socket to target socket with a transition socket (see MPLAB® ICE
2000/4000 Transition Socket Specification, DS51194)
TABLE 3:
S1 SWITCH SETTINGS
Device
Switches
ADC
4kPFM
USART
SSP
ECCP
PIC16F631
0
0*
0
0
0
PIC16F677
1
0**
0
1
0
PIC16F685
1
1
0
0
1
PIC16F687
1
0**
1
1
0
PIC16F689
1
1
1
1
0
PIC16F690
1
1
1
1
1
Legend: 1 = Enabled 0 = Disabled * = 1k PFM ** = 2k PFM
CAUTION
This header cannot be plugged directly into the PICDEM™ HPC Explorer Board or
device damage will result.
J2
VIN
ADJ
+5V
R
For V = 3.3V:
R = 1.18K
Ω (1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com