| Electronic Components Datasheet Search |
|
AC82GS45 Datasheet(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
AC82GS45 Datasheet(HTML) 2 Page - Intel Corporation |
|
2 / 4 page ![]() 2 Product Highlights (continued) •LANConnectInterfaceprovidesflexiblenetworksolutions suchas10/100/1000Mb/sEthernetwithLANmanageability. •TwointegratedSerialATAhostcontrollers,eachwithtransfer rates of up to 3 Gb/s, support four SATA ports for increased storage capacity and speed. •IntelMatrixStorageTechnologyprovidesbothAHCIandRAID functionality for improved storage speed and data redundancy (ICH9M-Enhanced SKU only; GM45 and GS45). •Intel®ActiveManagementTechnology2 (Intel® AMT), when used with the Intel® WG82567LM Gigabit Ethernet Controller, supports asset management capabilities such as remote management of unmanned sites (ICH9M-Enhanced SKU only; GM45 and GS45). •Intel®TrustedExecutionTechnology3 Intel® (TXT) provides hardware- based mechanisms to help defend against software-based attacks and protect the confidentiality and integrity of data stored or created on the system. Intel TXT enables each application to run within its own space, protected from all other software on the system (GM45 and GS45). •Embeddedlifecyclesupportprotectssysteminvestmentby enabling extended product availability for embedded and communications customers. •Astrongecosystemofhardwareandsoftwarevendors, including members of the Intel® Embedded and Communications Alliance (intel.com/go/eca), helps developers cost-effectively meet design challenges and speed time-to-market. Software Overview A number of independent operating system and BIOS vendors providesupportfortheseplatforms: Operating System Contact Microsoft Windows* XP Intel provides drivers4 Microsoft Windows* Embedded Standard Intel provides drivers4 MicrosoftWindows*EmbeddedPOSReady Intel provides drivers4 RedHatEnterpriseLinux*5 RedHat NovellSUSELinux*Enterprise10 Novell WindRiverLinux* WindRiver WindRiverVxWorks*6.6 WindRiver BIOS American Megatrends Insyde Software Phoenix Technologies These chipsets are supported by the Intel® Embedded Graphics Drivers and video BIOS, developed specifically for embedded products and applications (developer.intel.com/design/intarch/ SWsup/graphics_drivers.htm). Forthemostrecentsoftwareupdates,pleasevisitdownloadcenter. intel.com, and enter the product name. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |