Electronic Components Datasheet Search
  English  ▼

X  

AN82527F8 Datasheet(PDF) 21 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 21 Page - Intel Corporation

Back Button AN82527F8 Datasheet HTML 14Page - Intel Corporation AN82527F8 Datasheet HTML 15Page - Intel Corporation AN82527F8 Datasheet HTML 16Page - Intel Corporation AN82527F8 Datasheet HTML 17Page - Intel Corporation AN82527F8 Datasheet HTML 18Page - Intel Corporation AN82527F8 Datasheet HTML 19Page - Intel Corporation AN82527F8 Datasheet HTML 20Page - Intel Corporation AN82527F8 Datasheet HTML 21Page - Intel Corporation AN82527F8 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
82527
The following differences exist between the -001
version and the -002 revision
1 The RAM block in Figure 1 82527 Block Dia-
gram was previously called DPRAM
2 The INT
(VCC 2) pin in Figure 2 44-Pin PLCC
Package and in other descriptions was previ-
ously called the INT
(VDD 2) pin
3 The Mode0 and Mode1 pin descriptions were
modified to include the following note These
pins are weakly held low during reset
4 The DSACK0
pin description was changed to
reflect an open-drain output
5 VIL1 for RX0 in comparator bypass mode was
added
6 VIH1 hysteresis on RESET
was added
7 VIH2 for RX0 in comparator bypass mode was
added
8 ISLEEP current with VCC 2 output enabled was
corrected from 700 mA minimum to 700 mA
maximum
9 ISLEEP current with VCC 2 output disabled was
corrected from 100 mA minimum to 100 mA
maximum
10 IPD current was changed from 10 mA minimum
to 25 mA maximum
11 The following note was added to the electrical
characteristics Port pins are weakly held high
after reset until the port configuration registers
are written (9FH AFH)
12 The following DC Characteristics Specifica-
tions have been removed and replaced by the
Internal Delay 1 and Internal Delay 2 specifica-
tions These specifications reflect the produc-
tion test methodology which requires these two
delays to be tested together
a Delay Dominant to Recessive
b Delay Recessive to Dominant
c Input Delay with Comparator Bypassed
d Rise Time
e Fall Time
13 The following AC Characteristics for 8-Bit
16-Bit Multiplexed Intel Modes (Modes 01)
have been changed
a 1tMCLK has been increased to 8 MHz from
5 MHz
b tLLAX has been decreased to 20 ns from
225 ns
c tLLRL has been increased to 20 ns from
0 ns
d tCLLL has been added
e tWHLH has been increased to 8 ns from 0 ns
f tWHCH has been added
g tRLDV1 has been added
h tWLYH has been changed to tWLYZ to reflect
the READY pin is an open-drain output
i tWHYH has been changed to tWHYZ to re-
flect the READY pin is an open-drain output
j tRLYH has been changed to tRLYZ to reflect
the READY pin is an open-drain output
k tWHDV has been increased to 2 tMCLK a
250 ns from 2 tMCLK a 100 ns
l The following note was added References
to WR
also pertain to WRH
m The following definition was added for a
‘‘read cycle without a previous write’’ The
time between the rising edge of WR
WRH
(for the previous write cycle) and the
falling edge of RD
(for the current read cy-
cle) is greater than 2 tMCLK
n The following definition was added for a
‘‘write cycle with a previous write’’ The time
between the rising edge of WR
WRH
(for the previous write cycle) and the next
rising edge of WR
WRH
(for the current
write cycle) is less than 2 tMCLK
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com