Electronic Components Datasheet Search
  English  ▼

X  

87C196CB Datasheet(PDF) 4 Page - Intel Corporation

Part # 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 4 Page - Intel Corporation

  87C196CB Datasheet HTML 1Page - Intel Corporation 87C196CB Datasheet HTML 2Page - Intel Corporation 87C196CB Datasheet HTML 3Page - Intel Corporation 87C196CB Datasheet HTML 4Page - Intel Corporation 87C196CB Datasheet HTML 5Page - Intel Corporation 87C196CB Datasheet HTML 6Page - Intel Corporation 87C196CB Datasheet HTML 7Page - Intel Corporation 87C196CB Datasheet HTML 8Page - Intel Corporation 87C196CB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
87C196CB - Automotive
iv
Production Datasheet
Figures
1
87C196CB - Automotive Block Diagram ..........................................................2
2
The 87C196CB - Automotive Family Nomenclature ........................................3
3
84-Pin PLCC x87C196CB Diagram .................................................................4
4
100-Pin QFP x87C196CB Diagram .................................................................5
5
Chip Configuration Registers ...........................................................................9
6
87C196CB ICC vs Frequency.........................................................................11
7
87C196CB - Automotive System Bus Timing ................................................15
8
87C196CB - Automotive Ready Timings (One Wait State)............................16
9
87C196CB Buswidth Timings ........................................................................16
10
87C196CB HOLD#/HOLDA# Timings............................................................17
11
Slave Port Waveform - (SLPL = 0).................................................................18
12
Slave Port Waveform - (SLPL = 1).................................................................19
13
Synchronous Serial Port ................................................................................20
14
External Clock Drive Waveforms ...................................................................21
15
Input/Output Test Conditions .........................................................................21
16
Float Test Conditions .....................................................................................22
17
Slave Programming Mode Data Program Mode with Single Program Pulse .24
18
Slave Programming Mode in Word Dump or Data Verify Mode
with Auto Increment .......................................................................................24
19
Slave Programming Mode Timing in Data Program Mode
with Repeated Program Pulse and Auto Increment .......................................25
20
Waveform - Serial Port - Shift Register Mode ................................................26
21
AD_TIME 1FAFH:Byte ...................................................................................27
Tables
1
Device Overview ..............................................................................................1
1
Thermal Characteristics ...................................................................................3
2
Pin Descriptions ...............................................................................................6
3
87C196CB Memory Map..................................................................................8
4
DC Characteristics (Under Listed Operating Conditions)...............................10
5
AC Characteristics (Over Specified Operating Conditions)............................12
6
AC Characteristics (Over Specified Operating Conditions)............................14
7
8xC196CB HOLD#/HOLDA# Timings (Over Specified Operation Conditions)17
8
Slave Port Timing - (SLPL = 0, 1, 2, 3) ..........................................................18
9
Slave Port Timing - (SLPL = 1, 2, 3) ..............................................................19
10
Normal Master/Slave Operation.....................................................................20
11
Handshake Operation ....................................................................................20
12
External Clock Drive.......................................................................................21
13
Explanation of AC Symbols............................................................................22
14
AC EPROM Programming Characteristics.....................................................23
15
DC EPROM Programming Characteristics ....................................................23
16
Serial Port Timing - Shift Register Mode........................................................26
17
10-Bit Mode A/D Operating Conditions ..........................................................27
18
10-Bit Mode A/D Characteristics (Using Above Operating Conditions) (1) ....28
19
8-Bit Mode A/D Operating Conditions ............................................................28
20
8-Bit Mode A/D Characteristics (Using Above Operating Conditions) (1) ......29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com