Electronic Components Datasheet Search
  English  ▼

X  

SIP32451 Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIP32451
Description  0.9 V to 2.5 V, 55 m Load Switch in WCSP4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIP32451 Datasheet(HTML) 1 Page - Vishay Telefunken

  SIP32451 Datasheet HTML 1Page - Vishay Telefunken SIP32451 Datasheet HTML 2Page - Vishay Telefunken SIP32451 Datasheet HTML 3Page - Vishay Telefunken SIP32451 Datasheet HTML 4Page - Vishay Telefunken SIP32451 Datasheet HTML 5Page - Vishay Telefunken SIP32451 Datasheet HTML 6Page - Vishay Telefunken SIP32451 Datasheet HTML 7Page - Vishay Telefunken SIP32451 Datasheet HTML 8Page - Vishay Telefunken SIP32451 Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiP32451, SiP32452, SiP32453
Document Number: 63315
S12-2345-Rev. D, 8-Oct-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
0.9 V to 2.5 V, 55 m
 Load Switch in WCSP4
DESCRIPTION
SiP32451, SiP32452 and SiP32453 are n-channel integrated
high side load switches that operate from 0.9 V to 2.5 V input
voltage range.
SiP32451, SiP32452 and SiP32453 have low input logic
control threshold that can interface with low voltage control
GPIO directly without extra level shift or driver. There is a pull
down at this EN logic control pin.
Turn on time is fast, less than 25 µs typically for input
voltage of 1.2 V or higher. SiP32451 and SiP32452 have
fast turn off delay time of less than 1 µs while SiP32453
features a guaranteed turn off delay of greater than 30 µs,
typically 90 µs.
SiP32451 features an output discharge for fast turn off.
SiP32451, SiP32452 and SiP32453 are available in compact
wafer level CSP package, WCSP4 0.8 mm x 0.8 mm with
0.4 mm pitch.
FEATURES
•
Low input voltage, 0.9 V to 2.5 V
•
Low RON, 55 m typical
•
Fast turn on time
•
Low logic control with hysteresis
•
Reverse current blocking when disabled
•
Integrated pull down at EN pin
•
Output discharge (SiP32451)
•
4 bump WCSP 0.8 mm x 0.8 mm with 0.4 mm pitch
package
•
Material categorization: For definitions of compliance
please see www.vishay.com/doc?9991
APPLICATIONS
•
Battery operated devices
•
Smart phones
•
GPS and PMP
•
Computer
•
Medical and healthcare equipment
•
Industrial and instrument
•
Cellular phones and portable media players
•
Game console
TYPICAL APPLICATION CIRCUIT
Figure 1 - SiP32451, SiP32452, and SiP32453 Typical Application Circuit
SiP32451, SiP32452, SiP32453
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
Low logic control with hysteresis
8-Oct-12
SIP32451 VISHAY-SIP32451 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
SIP32451DB-T2-GE1 VISHAY-SIP32451DB-T2-GE1 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
More results

Similar Description - SIP32451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452 Datasheet
1Mb / 10P
1 V, 55 m Ohm Load Switch in MICRO FOOT
22-Aug-11
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
logo
Vishay Siliconix
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32501 VISHAY-SIP32501 Datasheet
143Kb / 9P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
07-Mar-16
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32452 VISHAY-SIP32452_V01 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
0.8 V to 2.5 V, 28 mΩ, Slew Rate Controlled Load Switch in WCSP4
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com