Electronic Components Datasheet Search
  English  ▼

X  

MCP101T-485DI/TO Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP101T-485DI/TO
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101T-485DI/TO Datasheet(HTML) 4 Page - Microchip Technology

  MCP101T-485DI/TO Datasheet HTML 1Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 2Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 3Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 4Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 5Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 6Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 7Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 8Page - Microchip Technology MCP101T-485DI/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
! 
'6)SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.

$33/,&$7,216 ,1)250$7,21

7KH 1HHG IRU 6XSHUYLVRU\ &LU.XLWV
)RU PDQ\ RI WRGD\¶V PL.UR.RQWUROOHU DSSOL.DWLRQV .DUH
PXVW EH WDNHQ WR SUHYHQW ORZ SRZHU .RQGLWLRQV WKDW
.DQ .DXVH PDQ\ GLIIHUHQW V\VWHP SUREOHPV 7KH PRVW
.RPPRQ .DXVHV DUH EURZQRXW .RQGLWLRQV ZKHUH WKH
V\VWHP VXSSO\ GURSV EHORZ WKH RSHUDWLQJ OHYHO PRPHQ
WDULO\ DQG WKH VH.RQG LV ZKHQ D VORZO\ GH.D\LQJ SRZHU
VXSSO\ .DXVHV WKH PL.UR.RQWUROOHU WR EHJLQ H[H.XWLQJ
LQVWUX.WLRQV ZLWKRXW HQRXJK YROWDJH WR VXVWDLQ 65$0
DQG SURGX.LQJ LQGHWHUPLQDWH UHVXOWV
)LJXUH  7\SL.DO $SSOL.DWLRQ

1HJDWLYH *RLQJ 9
 7UDQVLHQWV
0DQ\ V\VWHP GHVLJQHUV LPSOHPHQWLQJ 325 .LU.XLWV DUH
.RQ.HUQHG DERXW WKH PLQLPXP SXOVH ZLGWK UHTXLUHG
WR .DXVH D UHVHW )LJXUH  VKRZV W\SL.DO WUDQVLHQW
GXUDWLRQ YV UHVHW .RPSDUDWRU RYHUGULYH IRU ZKL.K WKH
0&3 ZLOO QRW JHQHUDWH D UHVHW SXOVH ,W VKRZV
WKDW WKH IDUWKHU EHORZ WKH WULS SRLQW WKH WUDQVLHQW SXOVH
JRHV WKH GXUDWLRQ RI WKH SXOVH UHTXLUHG WR .DXVH D
UHVHW JHWV VKRUWHU $  —) E\SDVV .DS PRXQWHG DV
.ORVH DV SRVVLEOH WR WKH 9'' SLQ SURYLGHV DGGLWLRQDO
WUDQVLHQW LPPXQLW\
)LJXUH  7\SL.DO 7UDQVLHQW 5HVSRQVH
1RWH
7KH JUDSKV DQG WDEOHV SURYLGHG IROORZLQJ
WKLV QRWH DUH D VWDWLVWL.DO VXPPDU\ EDVHG
RQ D OLPLWHG QXPEHU RI VDPSOHV DQG DUH
SURYLGHG IRU LQIRUPDWLRQDO SXUSRVHV RQO\
7KH SHUIRUPDQ.H .KDUD.WHULVWL.V OLVWHG
KHUHLQ DUH QRW WHVWHG RU JXDUDQWHHG ,Q
VRPH JUDSKV RU WDEOHV WKH GDWD SUHVHQWHG
PD\ EH RXWVLGH WKH VSH.LILHG RSHUDWLQJ
UDQJH HJ RXWVLGH VSH.LILHG SRZHU VXSSO\
UDQJH DQG WKHUHIRUH RXWVLGH WKH ZDUUDQWHG
UDQJH
0L.UR.RQWUROOHU
0&/5
9$$
567
0&3
RU
5(6(7
9$$
9
9
%\SDVV
&DSD.LWRU
9
7,0(


9
975,30$;
975,30,1
7UDQVLHQW
'XUDWLRQ
975,30,1 9''

975,3  9'' 9







7$
ƒ&
7UDQVLHQWV DERYH WKH
.XUYH ZLOO .DXVH D UHVHW
7UDQVLHQWV EHORZ
WKH .XUYH ZLOO 127
.DXVH D UHVHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com