Electronic Components Datasheet Search
  English  ▼

X  

MCP101T-485DI/TT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP101T-485DI/TT
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101T-485DI/TT Datasheet(HTML) 1 Page - Microchip Technology

  MCP101T-485DI/TT Datasheet HTML 1Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 2Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 3Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 4Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 5Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 6Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 7Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 8Page - Microchip Technology MCP101T-485DI/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6)SDJH 

! 
)HDWXUHV
‡ +ROGV PL.UR.RQWUROOHU LQ UHVHW XQWLO VXSSO\ YROWDJH
UHD.KHV VWDEOH RSHUDWLQJ OHYHO
‡ 5HVHWV PL.UR.RQWUROOHU GXULQJ SRZHU ORVV
‡ 3UH.LVLRQ PRQLWRULQJ RI 9 9DQG9 V\VWHPV
‡  YROWDJH WULS SRLQWV DYDLODEOH
‡ $.WLYH ORZ5(6(7 SLQ 0&3 RU D.WLYH KLJK
5(6(7 0&3
‡ 3XVKSXOO RXWSXW
‡ +ROGV 5(6(75(6(7 IRU  PV W\SL.DO
‡ 5(6(75(6(7 WR 9'' 9
‡ $..XUD.\ RI “ P9 IRU 9 V\VWHPV DQG “ P9
IRU 9 V\VWHPV RYHU WHPSHUDWXUH
‡ µ$W\SL.DO RSHUDWLQJ .XUUHQW
‡ 7HPSHUDWXUH UDQJH
 ,QGXVWULDO ,  °& WR °&
'HV.ULSWLRQ
7KH 0L.UR.KLS 7H.KQRORJ\ ,Q. 0&3 LV D YROW
DJH VXSHUYLVRU\ GHYL.H GHVLJQHG WR NHHS D PL.UR.RQ
WUROOHU LQ UHVHW XQWLO WKH V\VWHP YROWDJH KDV UHD.KHG WKH
SURSHU OHYHO DQGVWDELOL]HG ,WDOVR RSHUDWHVDV SURWH.
WLRQ IURP EURZQRXW .RQGLWLRQV ZKHQ WKH VXSSO\ YROWDJH
GURSV EHORZ D VDIH RSHUDWLQJ OHYHO %RWK GHYL.HV DUH
DYDLODEOH ZLWK D .KRL.H RI VHYHQ GLIIHUHQW WULS YROWDJHV
DQG ERWK KDYH SXVKSXOO RXWSXWV 7KH 0&3 KDV D
ORZ D.WLYH 5(6(7 SLQ DQG WKH 0&3 KDV D KLJK
D.WLYH 5(6(7 SLQ 7KH 0&3 ZLOO DVVHUW WKH
5(6(75(6(7 VLJQDO ZKHQHYHU WKH YROWDJH RQ WKH
9'' SLQ LV EHORZ WKH WULSSRLQW YROWDJH
3D.NDJHV
%OR.N 'LDJUDP
966
9''
567
966
9''
966
9''
72 ZLWK µ'¶ %RQGRXW
72 ZLWK µ+¶ %RQGRXW
627
567
RU
567
567
RU
567
567
RU
,//8675$7,216 12772 6&$/(
%DQGJDS
5HIHUHQ.H
'HOD\
&LU.XLW
2XWSXW
'ULYHU
5(6(7
9

&RPSDUDWRU
5(6(7
RU
0L.UR.RQWUROOHU 6XSHUYLVRU\ &LU.XLWZLWK3XVK3XOO2XWSXW


Similar Part No. - MCP101T-485DI/TT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP101T-485I/TT MICROCHIP-MCP101T-485I/TT Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
More results

Similar Description - MCP101T-485DI/TT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP730 SIPEX-SP730 Datasheet
107Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
logo
Sipex Corporation
SP730 SIPEX-SP730_05 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com