Electronic Components Datasheet Search
  English  ▼

X  

ALT3232M Datasheet(PDF) 6 Page - TDK Electronics

Part # ALT3232M
Description  Pulse Transformers For LAN interface Conforms to the RoHS Directive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ALT3232M Datasheet(HTML) 6 Page - TDK Electronics

  ALT3232M Datasheet HTML 1Page - TDK Electronics ALT3232M Datasheet HTML 2Page - TDK Electronics ALT3232M Datasheet HTML 3Page - TDK Electronics ALT3232M Datasheet HTML 4Page - TDK Electronics ALT3232M Datasheet HTML 5Page - TDK Electronics ALT3232M Datasheet HTML 6Page - TDK Electronics ALT3232M Datasheet HTML 7Page - TDK Electronics ALT3232M Datasheet HTML 8Page - TDK Electronics ALT3232M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
001-01 / 20130722 / trans_alt_en.fm
• All specifications are subject to change without notice.
TRANSFORMERS
ALT series 
ALT3232M Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
INSERTION LOSS VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Turns ratio
:
Inductance
(μH)min.
[DC bias 8mA, 100kHz]
-
Insertion loss
(dB)max.
[0.1 to 100MHz]
-
Inter-winding stray capacitance
(pF)max.
[100kHz]
Part No.
1CT : 1CT
150
2.5
25
ALT3232M-151-T001
Measurement item
Product No.
Manufacturer
Inductance
4284A
Agilent Technologies
Insertion loss
8753D
Agilent Technologies
Inter-winding stray capacitance
4284A
Agilent Technologies
Product No.
Manufacturer
8753D
Agilent Technologies
Frequency (MHz)
0
1.0
2.0
3.0
4.0
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com