Electronic Components Datasheet Search
  English  ▼

X  

ADDI7100 Datasheet(PDF) 4 Page - Analog Devices

Part # ADDI7100
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100 Datasheet(HTML) 4 Page - Analog Devices

  ADDI7100 Datasheet HTML 1Page - Analog Devices ADDI7100 Datasheet HTML 2Page - Analog Devices ADDI7100 Datasheet HTML 3Page - Analog Devices ADDI7100 Datasheet HTML 4Page - Analog Devices ADDI7100 Datasheet HTML 5Page - Analog Devices ADDI7100 Datasheet HTML 6Page - Analog Devices ADDI7100 Datasheet HTML 7Page - Analog Devices ADDI7100 Datasheet HTML 8Page - Analog Devices ADDI7100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADDI7100
Rev. C | Page 4 of 20
SYSTEM SPECIFICATIONS
TMIN to TMAX, AVDD = DVDD = DRVDD = 3 V, fSAMP = 45 MHz, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CDS
Input characteristics definition1
Allowable CCD Reset Transient
0.5
1.2
V
CDS Gain Accuracy
VGA gain = 6 dB (Code 15, default value)
−3 dB CDS Gain
−2.45
−2.95
−3.45
dB
0 dB CDS Gain
Default setting
5.40
5.90
6.40
dB
+3 dB CDS Gain
8.65
9.15
9.65
dB
+6 dB CDS Gain
11.10
11.60
12.10
dB
Maximum Input Range Before Saturation
0 dB CDS Gain
Default setting
1.0
V p-p
−3 dB CDS Gain
1.4
V p-p
+6 dB CDS Gain
0.5
V p-p
Maximum CCD Black Pixel Amplitude
Positive offset definition1
0 dB CDS Gain
Default setting
−100
+200
mV
+6 dB CDS Gain
−50
+100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Minimum Gain (VGA Code 15)
See Figure 13 for VGA curve
6.0
dB
Maximum Gain (VGA Code 1023)
See Variable Gain Amplifier (VGA)
section for VGA gain equation
42.0
dB
BLACK LEVEL CLAMP MEASURED AT ADC OUTPUT
Clamp Level Resolution
2048
Steps
Clamp Level
Measured at ADC output
Minimum Clamp Level (Code 0)
0
LSB
Maximum Clamp Level (Code 1023)
511
LSB
ADC
Resolution
12
Bits
Differential Nonlinearity (DNL)
−1.0
±0.5
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire signal chain
Gain Accuracy
Low Gain (VGA Code 15)
6 dB total gain (default CDS, VGA)
5.4
5.9
6.4
dB
Maximum Gain (VGA Code 1023)
41.4
41.9
42.4
dB
Peak Nonlinearity, 1 V Input Signal
6 dB total gain (default CDS, VGA)
0.1
%
Total Output Noise
AC grounded input, 6 dB total gain
0.8
LSB rms
Power Supply Rejection (PSR)
Measured with step change on supply
45
dB
1 Input signal characteristics are defined as shown in
.
Figure 2
100mV TYP
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V TYP
INPUT SIGNAL RANGE
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com