Electronic Components Datasheet Search
  English  ▼

X  

3372 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3372
Description  3M Pak 100 4-Wall Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3372 Datasheet(HTML) 3 Page - 3M Electronics

  3372 Datasheet HTML 1Page - 3M Electronics 3372 Datasheet HTML 2Page - 3M Electronics 3372 Datasheet HTML 3Page - 3M Electronics 3372 Datasheet HTML 4Page - 3M Electronics 3372 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 100 4-Wall Header
.100
″ × .100″ Latch/Ejector, Straight and Right Angle
3000 Series
Table 1
Pin
Quantity
3M Part
Number
Dimensions
Polarization
Notches Provided
A
B
C
D
10
3793
1.26 [32.1]
1.105 [28.07]
.865 [21.97]
.71 [18.0]
B C
14
3314
1.46 [37.2]
1.305 [33.15]
1.065 [27.05]
.91 [23.1]
B C
16
3408
1.56 [39.7]
1.405 [35.69]
1.165 [29.59]
1.01 [25.6]
A B C
20
3428
1.76 [44.8]
1.605 [40.77]
1.365 [34.67]
1.21 [30.7]
A B C
24
3627
1.96 [49.8]
1.805 [45.85]
1.565 [39.75]
1.41 [35.8]
A B C
26
3429
2.06 [52.4]
1.905 [48.39]
1.665 [42.29]
1.51 [38.3]
A B C
30
3440
2.26 [57.4]
2.105 [53.47]
1.865 [47.37]
1.71 43.43]
A B C
34
3431
2.46 [62.6]
2.305 [58.55]
2.065 [52.45]
1.91 [48.5]
A B C
40
3432
2.76 [70.2]
2.605 [66.17]
2.365 [60.07]
2.21 [56.1]
A B C
50
3433
3.26 [82.9]
3.105 [78.87]
2.865 [72.77]
2.71 [68.8]
A B C
60
3372
3.76 [95.6]
3.605 [91.57]
3.365 [85.47]
3.21 [81.5]
A B C
64
3764
3.96 [100.7]
3.805 [96.65]
3.565 [90.55]
3.41 [86.6]
A B C
TS-0772-04
Sheet 3 of 4
Inch
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
[mm]
ø.106
[2.69]
or
ø.116
[2.95]
(See Note 2)
Dia
Position 1
.100
± .003
[2.54]
.100
± .003
[2.54]
.060
[1.52]
.300
[7.62]
Side to Side Stackability
B
Recommended Mounting Hole Pattern
(Straight)
.352
[8.94]
CL
“Y”
.035
[0.89]
CL
"Y"
.41
[10.4]
Max to Edge of PCB
for Daisy Chain
ø.106
[2.69]
or ø.116
[2.95]
(See Note 2)
.035
[0.89]
Dia
.029
[0.74]
.100
± .003
[2.54]
Position 1
.232
[5.89]
C
Recommended Mounting Hole Pattern
(Right Angle)
.100
± .003
[2.54]
Ordering Information
NXXXX-XX02RB
3M Part Number
(See Table 1)
Pin Configuration
5 = Right Angle
6 = Straight
Latch/Ejector System
2 = Short Roll Pin Latch/Ejectors
(3M Part # N3505-2)
3 = Long Roll Pin Latch/Ejectors
(3M Part # N3505-3)
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #N3518).
2. Mounting hardware: From solder side of pc board use #4-24 thread cutting screw (3M Part # 3341-5) and .116 [2.95]
dia mounting hole. For right angle version only, #2-56 bolt and nut (3M Part # 3341-6) with .106 [2.69] dia mounting hole
may be used.
3. .112 [2.84] tail length suitable for .062 [1.57] thick pc board.
4. Contact tails .0245 [0.622] crowned wire with .0075 [0.191] corner radii & .028 [.072] diagonal.
5. Contact your 3M sales representative for custom requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com