Electronic Components Datasheet Search
  English  ▼

X  

CB017C0103 Datasheet(PDF) 19 Page - AVX Corporation

Part # CB017C0103
Description  Film Chip Capacitors PEN DIELECTRIC CB Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017C0103 Datasheet(HTML) 19 Page - AVX Corporation

Back Button CB017C0103 Datasheet HTML 11Page - AVX Corporation CB017C0103 Datasheet HTML 12Page - AVX Corporation CB017C0103 Datasheet HTML 13Page - AVX Corporation CB017C0103 Datasheet HTML 14Page - AVX Corporation CB017C0103 Datasheet HTML 15Page - AVX Corporation CB017C0103 Datasheet HTML 16Page - AVX Corporation CB017C0103 Datasheet HTML 17Page - AVX Corporation CB017C0103 Datasheet HTML 18Page - AVX Corporation CB017C0103 Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
38
Film Chip Capacitors
PEN DIELECTRIC – CB Series – RoHS
MATERIALS CONTROLLED BY ROHS (PPM BY WEIGHT):
Mass / unit (g)
Lead
Mercury
Cadmium
Hexavalent
PBB
PBDE
Chromium
CB range
00
0
0
0
0
RoHS Limit (ppm)
1000
1000
100
1000
1000
1000
Pass/Fail
Pass
Pass
Pass
Pass
Pass
Pass
This product has been tested and found to be compliant with all requirements, provisions, and exemptions of EU Directive 2002/95/EC of the European Parliament and
Council of January 27, 2003. On the Restriction of use of certain Hazardous Substances (RoHS) in electrical and electronic equipment and EU Directive 2000/53/EC
regarding ELV or End of Life Vehicle.
ROHS / ELV STATUS
External Plating
100% Matte Sn as standard
LEAD-FREE STATUS / MOISTURE
SENSITIVITY RANKING
Pb Free Reflow Solder compliant, MSL = 3.
Reflow soldering referring to Jedec Standard with some
limitations. Additional JESD-97 data to be phased in MSL
e3 termination.
PRODUCT LABELING:
(For informational purposes only to be phased in on reel and
container.)
PRODUCT TRACEABILITY:
Full internal material traceability by reference to unique lot
number marked on reel and external package.
RoHS Compliant:
Pb Free:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com