Electronic Components Datasheet Search
  English  ▼

X  

CB017C0153 Datasheet(PDF) 12 Page - AVX Corporation

Part # CB017C0153
Description  Film Chip Capacitors PEN DIELECTRIC CB Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017C0153 Datasheet(HTML) 12 Page - AVX Corporation

Back Button CB017C0153 Datasheet HTML 8Page - AVX Corporation CB017C0153 Datasheet HTML 9Page - AVX Corporation CB017C0153 Datasheet HTML 10Page - AVX Corporation CB017C0153 Datasheet HTML 11Page - AVX Corporation CB017C0153 Datasheet HTML 12Page - AVX Corporation CB017C0153 Datasheet HTML 13Page - AVX Corporation CB017C0153 Datasheet HTML 14Page - AVX Corporation CB017C0153 Datasheet HTML 15Page - AVX Corporation CB017C0153 Datasheet HTML 16Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
31
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
VOLTAGE Vdc: 400V Vac: 200V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.033
CB047I0333+ --
5.80
5.00
3.90
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
( 0.228) ( 0.195)
(0.154)
( 0.032) ( 0.472)
( 0.315)
(0.162)
(12.99 )
(0.488)
( 0.724 )
0.047
CB057I0473+ --
7.20
6.10
3.20
0.80
24.0
12.0
3.80
330
24.4
30.4
1000
2250
BC
(0.283)
(0.24)
(0.126)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.96)
(1.196)
0.056
CB057I0563+ --
7.20
6.10
3.70
0.80
24.0
12.0
3.80
330
16.4
22.4
1000
2250
BC
(0.283)
(0.24)
(0.146)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.645)
(0.881)
0.068
CB057I0683+ --
7.20
6.10
4.40
0.80
24.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.24)
(0.173)
(0.032)
(0.944)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.082
CB167I0823+ --
10.5
7.60
4.50
0.80
24.0
12.0
4.90
330
24.4
30.4
500
1100
BC
(0.413)
(0.299)
(0.177)
(0.032)
(0.944)
(0.472)
(0.193)
(12.99)
(0.961)
(1.196)
0.100μF
CB167I0104+ --
10.5
7.60
4.00
0.80
24.0
12.0
4.90
330
24.4
30.4
500
1100
BC
(0.413)
(0.299)
(0.158)
(0.032)
(0.944)
(0.472)
(0.193)
(12.99)
(0.961)
(1.196)
0.120
CB167I0124+ --
10.5
7.60
5.00
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.196)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.150
CB167I0154+ --
10.5
7.60
6.00
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.235)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.180
CB177I0184+ --
12.8
10.2
5.10
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.402)
(0.200)
(0.032)
(0.944)
(0.629)
(0.225)
(12.99)
(0.961)
(1.196)
0.220
CB177I0224+ --
12.8
10.2
5.00
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.402)
(0.196)
(0.032)
(0.944)
(0.629)
(0.225)
(12.99)
(0.961)
(1.196)
0.270
CB177I0274+ --
12.8
10.2
6.50
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.255)
(0.032)
(0.944)
(0.629)
(0.275)
(12.99)
(0.961)
(1.196)
0.330
CB187I0334+ --
15.3
13.7
4.20
0.80
24.0
24.0
4.50
330
24.4
30.4
300
600
BC
(0.601)
(0.539)
(0.165)
(0.032)
(0.944)
(0.944)
(0.178)
(12.99)
(0.961)
(1.196)
0.390
CB187I0394+ --
15.3
13.7
5.80
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.228)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
0.470
CB187I0474+ --
15.3
13.7
6.50
0.80
24.0
24.0
7.60
330
24.4
30.4
300
300
BC
(0.601)
(0.539)
(0.255)
(0.0315) (0.944)
(0.944)
(0.299)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 630V Vac: 250V
0.001μF
CB037K0102+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0012
CB037K0122+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0015
CB037K0152+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0018
CB037K0182+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0022
CB037K0222+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com