Electronic Components Datasheet Search
  English  ▼

X  

VC040205X150 Datasheet(PDF) 6 Page - AVX Corporation

Part # VC040205X150
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC040205X150 Datasheet(HTML) 6 Page - AVX Corporation

  VC040205X150 Datasheet HTML 1Page - AVX Corporation VC040205X150 Datasheet HTML 2Page - AVX Corporation VC040205X150 Datasheet HTML 3Page - AVX Corporation VC040205X150 Datasheet HTML 4Page - AVX Corporation VC040205X150 Datasheet HTML 5Page - AVX Corporation VC040205X150 Datasheet HTML 6Page - AVX Corporation VC040205X150 Datasheet HTML 7Page - AVX Corporation VC040205X150 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
VOLTAGES = 3.3, 5.6, 9, 12, 14, 18, 26 OR 30 VDC
0805 SURFACE MOUNT
Dimensions:
Actual Size:
Length
2.01 ± 0.2mm (0.079" ± 0.008")
Width
1.25 ± 0.2mm (0.049" ± 0.008")
Thickness
1.02mm Max. (0.040")
Land Length
0.71mm Max. (0.028")
Termination Finish
Pt/Pd/Ag
AVX
Working
Breakdown
Clamping
Peak
Transient
Part Number
Voltage
Voltage
Voltage
Current
Energy
Capacitance
Inductance
Symbol
V
WM
V
B
V
C
I
peak
E
trans
CL
Units
Volts
Volts
Volts
Amp
Joules
pF
nH
(max.)
(max.)
(max.)
(max.)
(typ.)
(typ.)
Test Condition
<50µA
1mA DC
8/20µS†
8/20µs
10/1000µS
0.5Vrms @:
di/dt = 100mA/nS
1kHz
1 MHz
VC080503A100
3.3#
4.1 - 6.0
10
40
0.1
1300
930
<1.5
VC080503C100
3.3#
3.7 - 5.6
10
120
0.3
5500
4000
1.5
VC080505A150
5.6
7.6 - 9.3
15.5
40
0.1
1250
860
<1.5
VC080505C150
5.6
7.1 - 8.7
15.5
120
0.3
3500
2400
1.5
VC080509A200
9
11.0 - 14.0
20
40
0.1
780
585
<1.5
VC080512A250
12
14.0 - 18.3
25
40
0.1
525
400
<1.5
VC080514A300
14
16.5 - 20.3
30
40
0.1
375
280
<1.5
VC080514C300
14
15.9 - 19.4
30
120
0.3
1100
820
1.5
VC080518A400
18*
22.9 - 28.0
40
30
0.1
350
275
<1.5
VC080518C400
18*
22.5 - 27.5
40
100
0.3
650
500
1.5
VC080526A580
26
31.0 - 37.9
58
30
0.1
140
110
<1.5
VC080526C580
26
30.5 - 37.3
58
100
0.3
250
190
1.5
VC080530A650
30
37.0 - 46.0
65
30
0.1
100
80
<1.5
VC08LC18A500
See pages 14-15 for specification and performance details.
V
WM—Maximum steady-state DC operating voltage the varistor can maintain and not exceed 50µA leakage current
V
B—Voltage across the device measured at 1mA DC current
V
C—Maximum peak voltage across the varistor measured at a specified pulse current and waveform
†Transient Energy Rating
Pulse Current & Waveform
0.1 Joule
2A 8/20µS
0.2 - 0.3 Joules
5A 8/20µS
I
peak—Maximum peak current which may be applied with the specified waveform without device failure
E
tran—Maximum energy which may be dissipated with the specified waveform without device failure
C—Device capacitance measured with zero volt bias 0.5Vrms and 1kHz
L—Device inductance measured with a current edge rate of 100 mA/nS
*Withstands 24.5 VDC for 5 minutes (automotive applications)
Dimensions: Millimeters (Inches)
#Test condition <100µA
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com