Electronic Components Datasheet Search
  English  ▼

X  

MRF464 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF464
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF464 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF464 Datasheet HTML 1Page - Motorola, Inc MRF464 Datasheet HTML 2Page - Motorola, Inc MRF464 Datasheet HTML 3Page - Motorola, Inc MRF464 Datasheet HTML 4Page - Motorola, Inc MRF464 Datasheet HTML 5Page - Motorola, Inc MRF464 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF464
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Power Gain versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Intermodulation Distortion versus
Output Power
Figure 6. Output Capacitance versus Frequency
Figure 7. Output Resistance versus Frequency
120
100
80
60
40
20
0
0
0.2
0.6
0.4
0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
2500
2000
1500
1000
500
1.5
2
3
5
7
10
15
20
30
10
8
6
4
2
0
1.5
2
3
5
7
10
15
20
30
Pin, INPUT POWER (WATTS)
f, FREQUENCY (MHz)
f, FREQUENCY (MHz)
VCC = 28 Vdc
ICQ = 40 mA
Pout = 80 W PEP
VCC = 28 Vdc
ICQ = 40 mA
Pout = 80 W (PEP)
120
100
80
60
40
20
0
16
20
24
28
32
VCC, SUPPLY VOLTAGE (VOLTS)
140
VCC = 28 Vdc
IGQ = 40 mA
f = 30 MHz
VCC = 28 Vdc
ICQ = 40 mA
Pout = 80 W PEP
–10
– 20
– 30
– 40
– 50
– 60
0
20
40
60
80
100
120
140
Pout, OUTPUT POWER (WATTS PEP)
50
40
30
20
10
0
1.5
2
3
5
7
10
15
20
30
f, FREQUENCY (MHz)
ICQ = 40 mA
f = 30, 30.001 MHz
3RD ORDER
3RD ORDER
5TH ORDER
VCC = 28 Vdc
ICQ = 40 mA
f = 30, 30.001 MHz
IMD = – 30 dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com