Electronic Components Datasheet Search
  English  ▼

X  

IPS511GTR Datasheet(PDF) 9 Page - International Rectifier

Part # IPS511GTR
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511GTR Datasheet(HTML) 9 Page - International Rectifier

Back Button IPS511GTR Datasheet HTML 3Page - International Rectifier IPS511GTR Datasheet HTML 4Page - International Rectifier IPS511GTR Datasheet HTML 5Page - International Rectifier IPS511GTR Datasheet HTML 6Page - International Rectifier IPS511GTR Datasheet HTML 7Page - International Rectifier IPS511GTR Datasheet HTML 8Page - International Rectifier IPS511GTR Datasheet HTML 9Page - International Rectifier IPS511GTR Datasheet HTML 10Page - International Rectifier IPS511GTR Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IPS511G/IPS512G
www.irf.com
9
Figure 14 - Eon, Eoff (µJ) vs I (A)
Resistive load
0
200
400
600
01
23
Eon
Eoff
0.1
1
10
100
1000
10000
I=Imax vs Induct.(see fig.10)
I=1.5A
Figure 15 - Eon (
µJ) Vs Load Inductance (µH)
(see Fig. 3)
0
25
50
75
100
125
150
01
23
Diag on blanking
Diag off blanking
Figure 16 - Diag Blanking time (
µS) Vs Iout (A)
(resistive load - see Fig. 6)
1.00E-06
1.00E-05
1.00E-04
1.00E-03
0
5
10
15
20
25
30
35
Figure 17 - Icc (mA) Vs Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com