Electronic Components Datasheet Search
  English  ▼

X  

IRLL024NTRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLL024NTRPBF
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024NTRPBF Datasheet(HTML) 8 Page - International Rectifier

  IRLL024NTRPBF Datasheet HTML 1Page - International Rectifier IRLL024NTRPBF Datasheet HTML 2Page - International Rectifier IRLL024NTRPBF Datasheet HTML 3Page - International Rectifier IRLL024NTRPBF Datasheet HTML 4Page - International Rectifier IRLL024NTRPBF Datasheet HTML 5Page - International Rectifier IRLL024NTRPBF Datasheet HTML 6Page - International Rectifier IRLL024NTRPBF Datasheet HTML 7Page - International Rectifier IRLL024NTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLL024NPbF
8
www.irf.com
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.1 6 1 )
3.90 (.1 5 4 )
1.85 (.072 )
1.65 (.065 )
2.05 ( .080 )
1.95 ( .077 )
12.10 ( .475 )
11.90 ( .469 )
7.10 ( .279 )
6.90 ( .272 )
1.60 ( .0 6 2 )
1.50 ( .0 5 9 )
T Y P .
7.55 (.2 9 7)
7.45 (.2 9 4)
7.60 ( .2 9 9 )
7.40 ( .2 9 2 )
2.30 ( .0 9 0 )
2.10 ( .0 8 3 )
16.30 ( .6 4 1 )
15.70 ( .6 1 9 )
0.35 (.013 )
0.25 (.010 )
F E E D D IRE CT IO N
TR
13. 20 (.5 1 9 )
12. 80 (.5 0 4 )
50. 00 ( 1.969 )
M IN .
330.00
(13.000)
M AX.
N O T ES :
1 . CO NT RO L L I N G D IM E N S I O N: M IL L IM E T E R.
2. O U T L IN E C O N F O R M S TO E IA -481 & E IA -541.
3. E A C H O 3 30 . 00 (13.0 0 ) R E E L C O N T A I N S 2,500 D E V I C E S .
3
N O T ES :
1 . O U T LIN E C O M F O R M S T O E IA -4 1 8 - 1 .
2 . CO NT R O L L IN G DIM E N S IO N: M IL L IM E T E R. .
3 . DIM E NS IO N M E A S UR E D @ H U B .
4 . IN C L U D E S F L A N G E D IS T OR T ION @ OU T E R E D GE .
15.40 ( .6 0 7)
11.90 ( .4 6 9)
18.4 0 (.72 4 )
M A X .
14.40 (.5 6 6 )
12.40 (.4 8 8 )
4
4
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com