Electronic Components Datasheet Search
  English  ▼

X  

STP150N3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP150N3LLH6
Description  N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP150N3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP150N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 9Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD150N3LLH6, STP150N3LLH6, STU150N3LLH6
6/16
Doc ID 15227 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03997v1
ID
150
100
50
0
0
2
VDS(V)
4
(A)
200
250
5V
3V
4V
VGS=10V
300
350
AM03998v1
ID
150
100
50
0
0
4
VGS(V)
8
(A)
2
6
10
200
300
250
VDS=1V
AM03999v1
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.94
0.96
0.98
1.00
1.02
1.04
150
1.06
ID=250µA
AM04903v1
RDS(on)
1.5
1.0
0.5
0.0
0
20
ID(A)
(
Ω)
2.0
2.5
3.0
3.5
40
60
80
4.0
4.5
VGS=10V
AM04905v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com