Electronic Components Datasheet Search
  English  ▼

X  

RX610 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RX610
Description  RENESAS 32-Bit MCU
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX610 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RX610 Datasheet HTML 45Page - Renesas Technology Corp RX610 Datasheet HTML 46Page - Renesas Technology Corp RX610 Datasheet HTML 47Page - Renesas Technology Corp RX610 Datasheet HTML 48Page - Renesas Technology Corp RX610 Datasheet HTML 49Page - Renesas Technology Corp RX610 Datasheet HTML 50Page - Renesas Technology Corp RX610 Datasheet HTML 51Page - Renesas Technology Corp RX610 Datasheet HTML 52Page - Renesas Technology Corp RX610 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
RX610 Group
4. I/O Registers
R01DS0097EJ0120 Rev.1.20
Page 49 of 84
Feb 20, 2013
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles
0008 820Ah
TMR0
Timer counter control register
TCCR
8
8 or 16
2 to 3 PCLK *7
0008 820Bh
TMR1
Timer counter control register
TCCR
8
8 or 16
2 to 3 PCLK *7
0008 8210h
TMR2
Timer control register
TCR
8
8
2 to 3 PCLK *7
0008 8211h
TMR3
Timer control register
TCR
8
8
2 to 3 PCLK *7
0008 8212h
TMR2
Timer control/status register
TCSR
8
8
2 to 3 PCLK *7
0008 8213h
TMR3
Timer control/status register
TCSR
8
8
2 to 3 PCLK *7
0008 8214h
TMR2
Time constant register A
TCORA
8
8 or 16
2 to 3 PCLK *7
0008 8215h
TMR3
Time constant register A
TCORA
8
8 or 16*5 2 to 3 PCLK *7
0008 8216h
TMR2
Time constant register B
TCORB
8
8 or 16
2 to 3 PCLK *7
0008 8217h
TMR3
Time constant register B
TCORB
8
8 or 16*5 2 to 3 PCLK *7
0008 8218h
TMR2
Timer counter
TCNT
8
8 or 16
2 to 3 PCLK *7
0008 8219h
TMR3
Timer counter
TCNT
8
8 or 16*5 2 to 3 PCLK *7
0008 821Ah
TMR2
Timer counter control register
TCCR
8
8 or 16
2 to 3 PCLK *7
0008 821Bh
TMR3
Timer counter control register
TCCR
8
8 or 16
2 to 3 PCLK *7
0008 8240h
SCI0
Serial mode register
SMR*6
8
8
2 to 3 PCLK *7
0008 8241h
SCI0
Bit rate register
BRR
8
8
2 to 3 PCLK *7
0008 8242h
SCI0
Serial control register
SCR*6
8
8
2 to 3 PCLK *7
0008 8243h
SCI0
Transmit data register
TDR
8
8
2 to 3 PCLK *7
0008 8244h
SCI0
Serial status register
SSR*6
8
8
2 to 3 PCLK *7
0008 8245h
SCI0
Receive data register
RDR
8
8
2 to 3 PCLK *7
0008 8246h
SCI0
Smart card mode register
SCMR
8
8
2 to 3 PCLK *7
0008 8247h
SCI0
Serial extended mode register
SEMR
8
8
2 to 3 PCLK *7
0008 8248h
SCI1
Serial mode register
SMR*6
8
8
2 to 3 PCLK *7
0008 8249h
SCI1
Bit rate register
BRR
8
8
2 to 3 PCLK *7
0008 824Ah
SCI1
Serial control register
SCR*6
8
8
2 to 3 PCLK *7
0008 824Bh
SCI1
Transmit data register
TDR
8
8
2 to 3 PCLK *7
0008 824Ch
SCI1
Serial status register
SSR*6
8
8
2 to 3 PCLK *7
0008 824Dh
SCI1
Receive data register
RDR
8
8
2 to 3 PCLK *7
0008 824Eh
SCI1
Smart card mode register
SCMR
8
8
2 to 3 PCLK *7
0008 824Fh
SCI1
Serial extended mode register
SEMR
8
8
2 to 3 PCLK *7
0008 8250h
SCI2
Serial mode register
SMR*6
8
8
2 to 3 PCLK *7
0008 8251h
SCI2
Bit rate register
BRR
8
8
2 to 3 PCLK *7
0008 8252h
SCI2
Serial control register
SCR*6
8
8
2 to 3 PCLK *7
0008 8253h
SCI2
Transmit data register
TDR
8
8
2 to 3 PCLK *7
0008 8254h
SCI2
Serial status register
SSR*6
8
8
2 to 3 PCLK *7
0008 8255h
SCI2
Receive data register
RDR
8
8
2 to 3 PCLK *7
0008 8256h
SCI2
Smart card mode register
SCMR
8
8
2 to 3 PCLK *7
0008 8257h
SCI2
Serial extended mode register
SEMR
8
8
2 to 3 PCLK *7
0008 8258h
SCI3
Serial mode register
SMR*6
8
8
2 to 3 PCLK *7
0008 8259h
SCI3
Bit rate register
BRR
8
8
2 to 3 PCLK *7
0008 825Ah
SCI3
Serial control register
SCR*6
8
8
2 to 3 PCLK *7
0008 825Bh
SCI3
Transmit data register
TDR
8
8
2 to 3 PCLK *7
0008 825Ch
SCI3
Serial status register
SSR*6
8
8
2 to 3 PCLK *7
0008 825Dh
SCI3
Receive data register
RDR
8
8
2 to 3 PCLK *7
0008 825Eh
SCI3
Smart card mode register
SCMR
8
8
2 to 3 PCLK *7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com