Electronic Components Datasheet Search
  English  ▼

X  

ADA4075-2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4075-2
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4075-2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4075-2 Datasheet HTML 14Page - Analog Devices ADA4075-2 Datasheet HTML 15Page - Analog Devices ADA4075-2 Datasheet HTML 16Page - Analog Devices ADA4075-2 Datasheet HTML 17Page - Analog Devices ADA4075-2 Datasheet HTML 18Page - Analog Devices ADA4075-2 Datasheet HTML 19Page - Analog Devices ADA4075-2 Datasheet HTML 20Page - Analog Devices ADA4075-2 Datasheet HTML 21Page - Analog Devices ADA4075-2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 18 of 24
BALANCED LINE DRIVER
The circuit of Figure 67 shows a balanced line driver designed
for audio use. Such drivers are intended to mimic an output
transformer in operation, whereby the common-mode voltage
can be impressed by the load. Furthermore, either output can be
shorted to ground in single-ended applications without affecting
the overall operation.
Circuits of this type use positive and negative feedback to obtain a
high common-mode output impedance, and they are somewhat
notorious for component sensitivity and susceptibility to latch-up.
This circuit uses several techniques to avoid spurious behavior.
First, the 4-op-amp arrangement ensures that the input impedance
is load independent (the input impedance can become negative
with some configurations). Note that the output op amps are
packaged with the input op amps to maximize drive capability.
Second, the positive feedback is ac-coupled by C2 and C3, which
eliminates the need for offset trim. Because the circuit is ac-coupled
at the input, these capacitors do not have significant dc voltage
across them, thus tantalum types of capacitors can be used.
Finally, even with these precautions, it is vital that the positive
feedback be accurately controlled. This is partly achieved by
using 1% resistors. In addition, the following setup procedure
ensures that the positive feedback does not become excessive:
1.
Set R11 to its midposition (or short the ends together,
whichever is easier) and temporarily short the negative
output to ground.
2.
Apply a 10 V p-p sine wave at approximately 1 kHz to the
input and adjust R7 to provide 930 mV p-p at TEST (see
Figure 67).
3.
Remove the short from the negative output (and across
R11, if used) and adjust R11 until the output waveforms
are symmetric.
The overall gain of the driver is equal to 2, which provides an
extra 6 dB of headroom in balanced differential mode. The
output noise is about −109 dBV in a 20 kHz bandwidth.
C3
10µF
R2
4.7kΩ
OUT+
OUT–
1/2
ADA4075-2
R5
4.7kΩ
R6
4.7kΩ
R7
250Ω
R8
100Ω
R9
4.7kΩ
R13
100Ω
R4
4.7kΩ
A2
1/2
ADA4075-2
A1
IN
C5
50pF
C1
10µF
C2
10µF
TEST
SYMMETRY
TRIM
FEEDBACK
TRIM
1/2
ADA4075-2
R12
4.7kΩ
R11
250Ω
R17
4.7kΩ
R16
100Ω
R10
4.7kΩ
R15
4.7kΩ
A4
C6
50pF
1/2
ADA4075-2
A3
C4
50pF
R14
100Ω
R1
10kΩ
NOTES
1. ALL RESISTORS SHOULD HAVE 1% TOLERANCE.
2. A1/A2 IN SAME PACKAGE; A3/A4 IN SAME PACKAGE.
R3
4.7kΩ
R18
4.7kΩ
Figure 67. Balanced Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com