Electronic Components Datasheet Search
  English  ▼

X  

AD8665 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8665
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8665 Datasheet HTML 8Page - Analog Devices AD8665 Datasheet HTML 9Page - Analog Devices AD8665 Datasheet HTML 10Page - Analog Devices AD8665 Datasheet HTML 11Page - Analog Devices AD8665 Datasheet HTML 12Page - Analog Devices AD8665 Datasheet HTML 13Page - Analog Devices AD8665 Datasheet HTML 14Page - Analog Devices AD8665 Datasheet HTML 15Page - Analog Devices AD8665 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 12 of 24
–2
0
2
4
VSY = ±15V
INPUT
OUTPUT
TIME (1µs/DIV)
–10
–5
0
5
10
15
Figure 39. Positive Overload Recovery
INPUT
TIME (2µs/DIV)
OUTPUT
VSY = ±15V
–10mV
+10mV
0V
ERROR BAND
Figure 40. Positive Settling Time to 0.01%
INPUT
OUTPUT
VSY = ±15V
–10mV
+10mV
0V
TIME (2µs/DIV)
ERROR BAND
Figure 41. Negative Settling Time to 0.01%
–2
0
2
4
VSY = ±5V
INPUT
OUTPUT
TIME (1µs/DIV)
–4
–2
0
2
4
Figure 42. Positive Overload Recovery
INPUT
OUTPUT
VSY = ±5V
–6mV
+6mV
0V
TIME (2µs/DIV)
ERROR BAND
Figure 43. Positive Settling Time to 0.01%
INPUT
OUTPUT
VSY = ±5V
–6mV
+6mV
0V
TIME (2µs/DIV)
ERROR BAND
Figure 44. Negative Settling Time to 0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com