Electronic Components Datasheet Search
  English  ▼

X  

ADR434 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR434
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR434 Datasheet HTML 14Page - Analog Devices ADR434 Datasheet HTML 15Page - Analog Devices ADR434 Datasheet HTML 16Page - Analog Devices ADR434 Datasheet HTML 17Page - Analog Devices ADR434 Datasheet HTML 18Page - Analog Devices ADR434 Datasheet HTML 19Page - Analog Devices ADR434 Datasheet HTML 20Page - Analog Devices ADR434 Datasheet HTML 21Page - Analog Devices ADR434 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 18 of 24
APPLICATIONS INFORMATION
OUTPUT ADJUSTMENT
The ADR43x trim terminal can be used to adjust the output
voltage over a ±0.5% range. This feature allows the system designer
to trim system errors out by setting the reference to a voltage
other than the nominal. This is also helpful if the part is used in
a system at temperature to trim out any error. Adjustment of the
output has negligible effect on the temperature performance of the
device. To avoid degrading temperature coefficients, both the
trimming potentiometer and the two resistors need to be low
temperature coefficient types, preferably <100 ppm/°C.
INPUT
OUTPUT
TRIM
VIN
VO = ±0.5%
GND
R1
470kΩ
R2
10kΩ (ADR430)
15kΩ (ADR431)
RP
10kΩ
ADR43x
VOUT
Figure 34. Output Trim Adjustment
REFERENCE FOR CONVERTERS IN OPTICAL
NETWORK CONTROL CIRCUITS
In Figure 35, the high capacity, all optical router network
employs arrays of micromirrors to direct and route optical
signals from fiber to fiber without first converting them to
electrical form, which reduces the communication speed. The
tiny micromechanical mirrors are positioned so that each is
illuminated by a single wavelength that carries unique information
and can be passed to any desired input and output fiber. The
mirrors are tilted by the dual-axis actuators, which are controlled
by precision ADCs and DACs within the system. Due to the
microscopic movement of the mirrors, not only is the precision
of the converters important but the noise associated with these
controlling converters is also extremely critical. Total noise
within the system can be multiplied by the number of converters
employed. Therefore, to maintain the stability of the control
loop for this application, the ADR43x, with its exceptionally low
noise, is necessary.
GND
SOURCE FIBER
GIMBAL + SENSOR
DESTINATION
FIBER
ACTIVATOR
RIGHT
MEMS MIRROR
LASER BEAM
ACTIVATOR
LEFT
AMPL
PREAMP
AMPL
CONTROL
ELECTRONICS
DAC
ADC
DAC
DSP
ADR431
ADR431
ADR431
Figure 35. All Optical Router Network
HIGH VOLTAGE FLOATING CURRENT SOURCE
The circuit in Figure 36 can be used to generate a floating
current source with minimal self heating. This particular
configuration can operate on high supply voltages determined
by the breakdown voltage of the N-channel JFET.
VIN
VOUT
GND
OP90
+VS
SST111
VISHAY
2N3904
RL
2.1kΩ
–VS
ADR43x
2
6
4
Figure 36. High Voltage Floating Current Source
KELVIN CONNECTION
In many portable instrumentation applications, where printed
circuit board (PCB) cost and area go hand in hand, circuit
interconnects are very often of dimensionally minimum width.
These narrow lines can cause large voltage drops if the voltage
reference is required to provide load currents to various functions.
In fact, circuit interconnects can exhibit a typical line resistance
of 0.45 mΩ/square (for example, 1 oz. Cu). Force and sense
connections, also referred to as Kelvin connections, offer a
convenient method of eliminating the effects of voltage drops
in circuit wires. Load currents flowing through wiring resistance
produce an error (VERROR = R × IL) at the load. However, the
Kelvin connection of Figure 37 overcomes the problem by
including the wiring resistance within the forcing loop of the
operational amplifier.
Because the amplifier senses the load voltage, the operational
amplifier loop control forces the output to compensate for the
wiring error and to produce the correct voltage at the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com