Electronic Components Datasheet Search
  English  ▼

X  

OP262 Datasheet(PDF) 27 Page - Analog Devices

Part # OP262
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262 Datasheet(HTML) 27 Page - Analog Devices

Back Button OP262 Datasheet HTML 23Page - Analog Devices OP262 Datasheet HTML 24Page - Analog Devices OP262 Datasheet HTML 25Page - Analog Devices OP262 Datasheet HTML 26Page - Analog Devices OP262 Datasheet HTML 27Page - Analog Devices OP262 Datasheet HTML 28Page - Analog Devices OP262 Datasheet HTML 29Page - Analog Devices OP262 Datasheet HTML 30Page - Analog Devices OP262 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 27 of 88
The ADC incorporates a successive approximation architecture
(SAR) involving a charge-sampled input stage. Figure 30 shows
the equivalent circuit of the analog input section. Each ADC
conversion is divided into two distinct phases, as defined by the
position of the switches in Figure 30. During the sampling
phase (with SW1 and SW2 in the track position), a charge
proportional to the voltage on the analog input is developed
across the input sampling capacitor. During the conversion
phase (with both switches in the hold position), the capacitor
DAC is adjusted via internal SAR logic until the voltage on
Node A is 0, indicating that the sampled charge on the input
capacitor is balanced out by the charge being output by the
capacitor DAC. The final digital value contained in the SAR is
then latched out as the result of the ADC conversion. Control of
the SAR and timing of acquisition and sampling modes is
handled automatically by built-in ADC control logic.
Acquisition and conversion times are also fully configurable
under user control.
CAPACITOR
DAC
COMPARATOR
VREF
AGND
DAC1
DAC0
TEMPERATURE MONITOR
AIN7
AIN0
32pF
AGND
ADuC841/ADuC842/ADuC843
NODE A
sw1
sw2
TRACK
TRACK
HOLD
HOLD
200
Ω
200
Ω
Figure 30. Internal ADC Structure
Note that whenever a new input channel is selected, a residual
charge from the 32 pF sampling capacitor places a transient on
the newly selected input. The signal source must be capable of
recovering from this transient before the sampling switches go
into hold mode. Delays can be inserted in software (between
channel selection and conversion request) to account for input
stage settling, but a hardware solution alleviates this burden
from the software design task and ultimately results in a cleaner
system implementation. One hardware solution is to choose a
very fast settling op amp to drive each analog input. Such an op
amp would need to fully settle from a small signal transient in
less than 300 ns in order to guarantee adequate settling under
all software configurations. A better solution, recommended for
use with any amplifier, is shown in Figure 31. Though at first
glance the circuit in Figure 31 may look like a simple antialias-
ing filter, it actually serves no such purpose since its corner
frequency is well above the Nyquist frequency, even at a 200
kHz sample rate. Though the R/C does help to reject some
incoming high frequency noise, its primary function is to ensure
that the transient demands of the ADC input stage are met.
AIN0
ADuC841/
ADuC842/
ADuC843
10
Ω
0.1
µ F
Figure 31. Buffering Analog Inputs
It does so by providing a capacitive bank from which the 32 pF
sampling capacitor can draw its charge. Its voltage does not
change by more than one count (1/4096) of the 12-bit transfer
function when the 32 pF charge from a previous channel is
dumped onto it. A larger capacitor can be used if desired, but
not a larger resistor (for reasons described below). The Schottky
diodes in Figure 31 may be necessary to limit the voltage
applied to the analog input pin per the Absolute Maximum
Ratings. They are not necessary if the op amp is powered from
the same supply as the part since in that case the op amp is
unable to generate voltages above VDD or below ground. An op
amp of some kind is necessary unless the signal source is very
low impedance to begin with. DC leakage currents at the parts’
analog inputs can cause measurable dc errors with external
source impedances as low as 100 Ω or so. To ensure accurate
ADC operation, keep the total source impedance at each analog
input less than 61 Ω. The Table 10 illustrates examples of how
source impedance can affect dc accuracy.
Table 10. Source Impedance and DC Accuracy
Source
Impedance
Ω
Error from 1 µA
Leakage Current
Error from 10 µA
Leakage Current
61
61 µV = 0.1 LSB
610 µV = 1 LSB
610
610 µV = 1 LSB
6.1 mV = 10 LSB
Although Figure 31 shows the op amp operating at a gain of 1,
one can, of course, configure it for any gain needed. Also, one
can just as easily use an instrumentation amplifier in its place to
condition differential signals. Use an amplifier that is capable of
delivering the signal (0 V to VREF) with minimal saturation.
Some single-supply rail-to-rail op amps that are useful for this
purpose are described in Table 11. Check Analog Devices website
www.analog.com for details on these and other op amps and
instrumentation amps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com