Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 57 Page - Analog Devices

Part # AD820
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD820 Datasheet HTML 53Page - Analog Devices AD820 Datasheet HTML 54Page - Analog Devices AD820 Datasheet HTML 55Page - Analog Devices AD820 Datasheet HTML 56Page - Analog Devices AD820 Datasheet HTML 57Page - Analog Devices AD820 Datasheet HTML 58Page - Analog Devices AD820 Datasheet HTML 59Page - Analog Devices AD820 Datasheet HTML 60Page - Analog Devices AD820 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 57 of 88
8052 COMPATIBLE ON-CHIP PERIPHERALS
This section gives a brief overview of the various secondary
peripheral circuits that are also available to the user on-chip.
These remaining functions are mostly 8052 compatible (with a
few additional features) and are controlled via standard 8052
SFR bit definitions.
Parallel I/O
The ADuC841/ADuC842/ADuC843 use four input/output
ports to exchange data with external devices. In addition to
performing general-purpose I/O, some ports are capable of
external memory operations while others are multiplexed with
alternate functions for the peripheral features on the device. In
general, when a peripheral is enabled, that pin may not be used
as a general-purpose I/O pin.
Port 0
Port 0 is an 8-bit open-drain bidirectional I/O port that is
directly controlled via the Port 0 SFR. Port 0 is also the
multiplexed low order address and data bus during accesses to
external program or data memory.
Figure 57 shows a typical bit latch and I/O buffer for a Port 0
port pin. The bit latch (one bit in the port’s SFR) is represented
as a Type D flip-flop, which clocks in a value from the internal
bus in response to a write to latch signal from the CPU. The Q
output of the flip-flop is placed on the internal bus in response
to a read latch signal from the CPU. The level of the port pin
itself is placed on the internal bus in response to a read pin
signal from the CPU. Some instructions that read a port activate
the read latch signal, and others activate the read pin signal. See
the Read-Modify-Write Instructions section for details.
CONTROL
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
Q
LATCH
DVDD
ADDR/DATA
P0.x
PIN
Figure 57. Port 0 Bit Latch and I/O Buffer
As shown in Figure 57, the output drivers of Port 0 pins are
switchable to an internal ADDR and ADDR/DATA bus by an
internal control signal for use in external memory accesses.
During external memory accesses, the P0 SFR has 1s written to
it, i.e., all of its bit latches become 1. When accessing external
memory, the control signal in Figure 57 goes high, enabling
push-pull operation of the output pin from the internal address
or data bus (ADDR/DATA line). Therefore, no external pull-ups
are required on Port 0 for it to access external memory.
In general-purpose I/O port mode, Port 0 pins that have 1s writ-
ten to them via the Port 0 SFR are configured as open-drain and
will therefore float. In this state, Port 0 pins can be used as high
impedance inputs. This is represented in Figure 57 by the NAND
gate whose output remains high as long as the control signal is
low, thereby disabling the top FET. External pull-up resistors are
therefore required when Port 0 pins are used as general-purpose
outputs. Port 0 pins with 0s written to them drive a logic low
output voltage (VOL) and are capable of sinking 1.6 mA.
Port 1
Port 1 is also an 8-bit port directly controlled via the P1 SFR.
Port 1 digital output capability is not supported on this device.
Port 1 pins can be configured as digital inputs or analog inputs.
By (power-on) default, these pins are configured as analog
inputs, i.e., 1 written in the corresponding Port 1 register bit. To
configure any of these pins as digital inputs, the user should
write a 0 to these port bits to configure the corresponding pin as
a high impedance digital input. These pins also have various
secondary functions as described in Table 25.
Table 25. Port 1 Alternate Pin Functions
Pin No.
Alternate Function
P1.0
T2 (Timer/Counter 2 External Input)
P1.1
T2EX (Timer/Counter 2 Capture/Reload Trigger)
P1.5
SS (Slave Select for the SPI Interface)
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
Q
LATCH
P1.x
PIN
TO ADC
Figure 58. Port 1 Bit Latch and I/O Buffer
Port 2
Port 2 is a bidirectional port with internal pull-up resistors
directly controlled via the P2 SFR. Port 2 also emits the high-
order address bytes during fetches from external program
memory, and middle and high order address bytes during
accesses to the 24-bit external data memory space.
As shown in Figure 59, the output drivers of Port 2 are switch-
able to an internal ADDR and ADDR/DATA bus by an internal
control signal for use in external memory accesses (as for
Port 0). In external memory addressing mode (CONTROL = 1),
the port pins feature push-pull operation controlled by the
internal address bus (ADDR line). However, unlike the P0 SFR
during external memory accesses, the P2 SFR remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com