Electronic Components Datasheet Search
  English  ▼

X  

OP490GS Datasheet(PDF) 10 Page - Analog Devices

Part # OP490GS
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490GS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP490GS Datasheet HTML 6Page - Analog Devices OP490GS Datasheet HTML 7Page - Analog Devices OP490GS Datasheet HTML 8Page - Analog Devices OP490GS Datasheet HTML 9Page - Analog Devices OP490GS Datasheet HTML 10Page - Analog Devices OP490GS Datasheet HTML 11Page - Analog Devices OP490GS Datasheet HTML 12Page - Analog Devices OP490GS Datasheet HTML 13Page - Analog Devices OP490GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP490
Rev. E | Page 10 of 16
INPUT VOLTAGE PROTECTION
The OP490 uses a PNP input stage with protection resistors in
series with the inverting and noninverting inputs. The high
breakdown of the PNP transistors coupled with the protection
resistors provides a large amount of input protection, allowing
the inputs to be taken 20 V beyond either supply without
damaging the amplifier.
MICROPOWER VOLTAGE-CONTROLLED
OSCILLATOR
An OP490 in combination with an inexpensive quad CMOS
switch comprise the precision VCO of Figure 22. This circuit
provides triangle and square wave outputs and draws only 75 μA
from a 5 V supply. A acts as an integrator; S1 switches the
charging current symmetrically to yield positive and negative
ramps. The integrator is bounded by B, which acts as a Schmitt
trigger with a precise hysteresis of 1.67 V, set by Resistors R5,
R6, and R7, and the associated CMOS switches. The resulting
output of A is a triangle wave with upper and lower levels of
3.33 V and 1.67 V. The output of B is a square wave with almost
rail-to-rail swing. With the components shown, frequency of
operation is given by the equation
fOUT = VCONTROL (Volts) × 10 Hz/V
but this is easily changed by varying C1. The circuit operates
well up to a few hundred hertz.
VCONTROL
1/4
OP490
A
1/4
OP490
B
SQUARE
OUT
IN/OUT
IN/OUT
IN/OUT
IN/OUT
CONT
CONT
CONT
CONT
VSS
VDD
OUT/IN
OUT/IN
OUT/IN
OUT/IN
C1
75nF
TRIANGLE
OUT
R5
200k
Ω
R6
200k
Ω
+15V
7
6
5
R1
200k
Ω
R2
200k
Ω
+15V
R4
200k
Ω
1
4
11
2
3
R3
100k
Ω
S1
S2
S3
S4
R8
200k
Ω
+5V
+5V
+5V
R7
200k
Ω
114
213
312
411
510
69
78
Figure 22. Micropower Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com