Electronic Components Datasheet Search
  English  ▼

X  

AD5543 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5543
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5543 Datasheet HTML 5Page - Analog Devices AD5543 Datasheet HTML 6Page - Analog Devices AD5543 Datasheet HTML 7Page - Analog Devices AD5543 Datasheet HTML 8Page - Analog Devices AD5543 Datasheet HTML 9Page - Analog Devices AD5543 Datasheet HTML 10Page - Analog Devices AD5543 Datasheet HTML 11Page - Analog Devices AD5543 Datasheet HTML 12Page - Analog Devices AD5543 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DAC08
Rev. C | Page 9 of 20
FREQUENCY (MHz)
10
0.1
8
6
4
2
–14
0.2
0.5
1.0
2.0
10.0
2
0
–2
–4
–6
–8
–10
–12
1
5.0
R14 = R15 = 1k
Ω
RL ≤ 500V
ALL BITS ON
VR15 = 0V
CC = 15pF, VIN = 2.0V p-p
CENTERED AT +1.0V
LARGE SIGNAL
CC = 15pF, VIN = 50mV p-p
CENTERED AT +200mV
SMALL SIGNAL
Figure 13. Reference Input Frequency Response
V15, REFERENCE COMMON-MODE VOLTAGE (V)
4.0
–14
3.6
3.2
2.8
2.4
0
18
2.0
1.6
1.2
0.8
0.4
–10
–6
TA = TMIN TO TMAX
NOTE: POSITIVE COMMON-MODE
RANGE IS ALWAYS (V+) –1.5V
IREF = 2mA
V– = –15V
V– = –5V
V+ = +15V
ALL BITS ON
IREF = 1mA
IREF = 0.2mA
–2
2
6
10
14
Figure 14. Reference Amp Common-Mode Range
LOGIC INPUT VOLTAGE (V)
10
–12
8
6
0
4
2
–8
–4
0
4812
16
Figure 15. Logic Input Current vs. Input Voltage
TEMPERATURE (°C)
2.0
–50
1.6
1.2
0
0.8
0.4
0
50
100
150
Figure 16. VTH − VLC vs. Temperature
OUTPUT VOLTAGE (V)
4.0
–14
3.6
3.2
2.8
2.4
0
18
2.0
1.6
1.2
0.8
0.4
–10
–6
TA = TMIN TO TMAX
IREF = 1mA
IREF = 0.2mA
–2
2
6
10
14
V– = –15V
V– = –5V
IREF = 2mA
ALL BITS ON
Figure 17. Output Current vs. Output Voltage (Output Voltage Compliance)
TEMPERATURE (°C)
28
24
20
16
12
–12
8
4
0
–4
–8
–50
0
50
100
150
SHADED AREA INDICATES PERMISSIBLE
OUTPUT VOLTAGE RANGE FOR V– = –15V.
IREF ≤ 2.0mA.
FOR OTHER V– OR IREF,
SEE OUTPUT CURRENT VS. OUTPUT
VOLTAGE CURVE.
Figure 18. Output Voltage Compliance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com